Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3015 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # CYUSB3015
Description  EZ-USB SX3: Configurable SuperSpeed USB Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB3015 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button CYUSB3015 Datasheet HTML 16Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 17Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 18Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 19Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 20Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 21Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 22Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 23Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Document Number: 002-30704 Rev. *C
Page 19 of 38
CYUSB3015
CYUSB3016
CYUSB3017
Electrical Specifications
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device.
Storage temperature ................................ -65 °C to +150 °C
Ambient temperature with
power supplied (Industrial) ........................ -40 °C to +85 °C
Ambient temperature with
power supplied (Commercial) ........................ 0 °C to +70 °C
Supply voltage to ground potential
VDD, AVDDQ ................................................................. 1.25 V
VIO1,VIO2, VIO3, VIO4, VIO5 ........................................ ...3.6 V
U3TXVDDQ, U3RXVDDQ ......................................... .....1.25 V
DC input voltage to any input pin ...................... .VCC + 0.3 V
DC voltage applied to
outputs in high-Z state ....................................... VCC + 0.3 V
(VCC is the corresponding I/O voltage)
Static discharge voltage ESD protection levels:
■ ± 2.2-kV HBM based on JESD22-A114
■ Additional ESD protection levels on D+, D-, and GND pins, and
serial peripheral pins
■ ± 6-kV contact discharge, ± 8-kV air gap discharge based on
IEC61000-4-2 level 3A, ± 8-kV contact discharge, and ± 15-kV
air gap discharge based on IEC61000-4-2 level 4C
Latch-up current ................................................... .> 200 mA
Maximum output short-circuit current
for all I/Os (cumulative) ............................................ -100 mA
Maximum output current per I/O (source or sink) ....... 20 mA
Operating Conditions
TA (ambient temperature under bias)
Industrial .................................................... -40 °C to +85 °C
Commercial .................................................. 0 °C to +70 °C
VDD, AVDDQ, U3TXVDDQ, U3RXVDDQ
Supply voltage .............................................1.15 V to 1.25 V
VBATT supply voltage ..........................................3.2 V to 6 V
VIO1, VIO2, VIO3, VIO4, CVDDQ
Supply voltage .................................................1.7 V to 3.6 V
VIO5 supply voltage ....................................... 1.15 V to 3.6 V
DC Specifications
Table 6. DC Specifications
Parameter
Description
Min
Max
Unit
Notes
VDD
Core voltage supply
1.15
1.25
V
1.2-V typical
AVDD
Analog voltage supply
1.15
1.25
V
1.2-V typical
VIO1
General Configurable Interface
I/O power supply domain
1.7
3.6
V
1.8-V, 2.5-V, and 3.3-V typical
VIO2
IO2 power supply domain
1.7
3.6
V
1.8-V, 2.5-V, and 3.3-V typical
VIO3
IO3 power supply domain
1.7
3.6
V
1.8-V, 2.5-V, and 3.3-V typical
VIO4
SPI power supply domain
1.7
3.6
V
1.8-V, 2.5-V, and 3.3-V typical
VBATT
USB voltage supply
3.2
6
V
3.7-V typical
VBUS
USB voltage supply
4.0
6
V
5-V typical
U3TXVDDQ USB 3.0 1.2-V supply
1.15
1.25
V
1.2-V typical. A 22-µF bypass capacitor is required
on this power supply.
U3RXVDDQ USB 3.0 1.2-V supply
1.15
1.25
V
1.2-V typical. A 22-µF bypass capacitor is required
on this power supply.
CVDDQ
Clock voltage supply
1.7
3.6
V
1.8-, 3.3-V typical
VIO5
I2C voltage supply
1.15
3.6
V
1.2-V, 1.8-V, 2.5-V, and 3.3-V typical
VIH1
Input HIGH voltage 1
0.625 ×
VCC
VCC + 0.3
V
For 2.0 V
 VCC  3.6 V (except USB port). VCC is
the corresponding I/O voltage supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com