Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3015 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYUSB3015
Description  EZ-USB SX3: Configurable SuperSpeed USB Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB3015 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYUSB3015 Datasheet HTML 17Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 18Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 19Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 20Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 21Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 22Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 23Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 24Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Document Number: 002-30704 Rev. *C
Page 20 of 38
CYUSB3015
CYUSB3016
CYUSB3017
VIH2
Input HIGH voltage 2
VCC – 0.4 VCC + 0.3
V
For 1.7 V
 VCC 2.0 V
(except USB port). VCC is the corresponding I/O
voltage supply.
VIL
Input LOW voltage–0.3
0.25 × VCC
V
VCC is the corresponding I/O voltage supply.
VOH
Output HIGH voltage
0.9 × VCC
–V
IOH (max) = -100 µA tested at quarter drive strength.
VCC is the corresponding I/O voltage supply. See
Table 7 for values of IOH at various drive strength
and VCC.
VOL
Output LOW voltage
–
0.1 × VCC
V
IOL (min) = +100 µA tested at quarter drive strength.
VCC is the corresponding I/O voltage supply. See
Table 7 for values of IOL measured at various drive
strength and VCC.
IIX
Input leakage current for all pins
except
SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
(For I/Os with a pull-up or pull-down resistor
connected, the leakage current increases by
VDDQ/Rpu or VDDQ/RPD)
IOZ
Output High-Z leakage current for
all pins except SSTXP/ SSXM/
SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
ICC Core
Core and analog voltage
operating current
–
200
mA Total current through AVDD, VDD
ICC USB
USB voltage supply operating
current
–60
mA –
ISB1
Total suspend current during
suspend mode with USB 3.0 PHY
enabled (L1)
––
mA
Core current: 1.5 mA
I/O current: 20 µA
USB current: 2 mA
For typical PVT (typical silicon, all power supplies
at their respective nominal levels at 25 °C)
ISB2
Total suspend current during
suspend mode with USB 3.0 PHY
disabled (L2)
––
mA
Core current: 250 µA
I/O current: 20 µA
USB current: 1.2 mA
For typical PVT (Typical silicon, all power supplies
at their respective nominal levels at 25 °C)
ISB3
Total standby current during
standby mode (L3)
––
µA
Core current: 60 µA
I/O current: 20 µA
USB current: 40 µA
For typical PVT (typical silicon, all power supplies
at their respective nominal levels at 25 °C)
ISB4
Total standby current during core
power-down mode (L4)
––
µA
Core current: 0 µA
I/O current: 20 µA
USB current: 40 µA
For typical PVT (typical silicon, all power supplies
at their respective nominal levels at 25 °C)
VRAMP
Voltage ramp rate on core and I/O
supplies
0.2
50
V/ms Voltage ramp must be monotonic
VN
Noise level permitted on VDD and
I/O supplies
–100
mV Max p-p noise level permitted on all supplies except
AVDD
VN_AVDD
Noise level permitted on AVDD
supply
–
20
mV Max p-p noise level permitted on AVDD
Table 6. DC Specifications (continued)
Parameter
Description
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com