Electronic Components Datasheet Search
  English  ▼

X  

AIM-MCS Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # AIM-MCS
Description  10.1" Industrial Tablet with Intel® Atom™ Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIM-MCS Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  AIM-MCS Datasheet HTML 1Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 2Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 3Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 4Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 5Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 6Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Features
Vehicle Docking Stations for AIM-68
Industrial-Grade Tablet
Specifications
Fully Configured Unit
Charging Dock Only
I/O
High-Density Connector
1 x CAN bus (supports raw CAN, J1939, OBD-II/ISO 15765) with
configurable firmware
5 x Digital inputs
1 x Odometer (supports dry and wet contact) with configurable and
switchable firmware (default wet contact)
2 x Digital outputs (supports speed pulse)
1 x RS-232 (4 wire)
1 x RS-232/485 (2 wire) (default RS-485, termination enabled)
1 x USB 2.0
1 x Power input 12 V 1 A
1 x RF pass through (optional)
1 x Power input 12 V 1A
GPS
GPS Extended
1 x External GPS antenna
N/A
Function Keys
5 x Programmable function keys
N/A
Key Lock
Anti-theft key lock (key can be removed)
N/A
Power
Input Voltage
Supports 12/24 V vehicle power (9 ~ 32 VDC input range)
Mechanical
Dimensions (W x D x H)
226 x 78.6 x 250.24 mm (8.9 x 3.1 x 9.9 in)
Weight
0.5 kg (1.10 lb) (TBD)
Environment
Operating Temperature
-10 ~ 50 °C (14 ~ 122 °F); 0 ~ 40 °C (32 ~ 104 °F) for charging
Storage Temperature
-30 ~ 80 °C (-22 ~ 176 °F)
IP Rating
IP54
Vibration/Shock
SAE J1455
Safety
UL, CB, LVD, CCC
Vehicle Power Regulation
E-Mark, ISO7637-2
Certifications
CE, FCC, CCC
AIM-VEH10
ƒ Compatible with 9 ~ 32 VDC in-vehicle power supply
ƒ Easy and instant single-handed docking and undocking
ƒ Anti-theft locking mechanism
ƒ External GPS antenna
ƒ Programmable function keys
ƒ High-density connectors
ƒ Compliant with SAE J1455 for vibration and shock tolerance
ƒ Safe and reliable design for vehicle applications
Dimensions
Unit: mm
Ordering Information
Part Number
Description
TBD
AIM vehicle docking station (full configuration)
TBD
AIM vehicle docking station (charging only)
1700026766-01
High-density cable
PWS-770-GPSAN00E
External GPS antenna
1700027666-01
Vehicle power cable (In-house engineer testing only)
1700027665-01
Vehicle power cable (vehicle battery)
226
90.55
77.62
83.08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com