Electronic Components Datasheet Search
  English  ▼

X  

AIM-MCS Datasheet(PDF) 7 Page - Advantech Co., Ltd.

Part # AIM-MCS
Description  10.1" Industrial Tablet with Intel® Atom™ Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIM-MCS Datasheet(HTML) 7 Page - Advantech Co., Ltd.

  AIM-MCS Datasheet HTML 1Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 2Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 3Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 4Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 5Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 6Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AIM-68 Extensions and Accessories
Extension Modules
Accessories
Barcode Scanner (20°)
Barcode Scanner (70°)
LAN + COM Module
UHF RFID Reader
Part Number
AIM-EXT0-0040
AIM-EXT0-0041
AIM-EXT0-0046
AIM-EXT0-0047 (EU)/
AIM-EXT0-0049 (US)
Color
Black
Black
Black
Black
Dimensions
130.2 x 38.7 x 27.8 mm
(5.13 x 1.52 x 1.09 in)
130.2 x 38.7 x 32 mm
(5.13 x 1.52 x 1.26 in)
130.2 x 70 x 29 mm
(5.13 x 2.76 x 1.14 in)
130.2 x 70 x 45 mm
(5.13 x 2.76 x 1.77 in)
Weight
0.042 kg (0.092 lb)
0.042 kg (0.092 lb)
0.078 kg (0.171 lb)
0.08 kg (0.176 lb)
Hand Strap
Shoulder Strap
Active Stylus
Battery with Meter
Part Number
AIM-SRP0-0000
AIM-SRP0-0001
AIM-P704
AIM-BATO-0452
Color
Black
Black
Black
Black
Dimensions
240 x 20 mm
(9.44 x 0.78 in)
380 x 135 x 20 mm
(14.96 x 5.31 x 0.78 in)
140 x 9.7 mm
(5.51 x 0.38 in)
120 x 87 x 7.5 mm
(4.72 x 3.43 x 0.30 in)
Weight
0.022 kg (0.048 lb)
0.05 kg (0.11 lb)
0.02 kg (0.044 lb)
0.147 kg (0.324 lb)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com