Electronic Components Datasheet Search
  English  ▼

X  

AIM-MCS Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # AIM-MCS
Description  10.1" Industrial Tablet with Intel® Atom™ Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIM-MCS Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  AIM-MCS Datasheet HTML 1Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 2Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 3Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 4Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 5Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 6Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.advantech.com/products
Online Download
Features
Dimensions
Unit: mm
VESA Docking Stations for AIM-68
Specifications
AIM 10 Advanced VESA Docking Station
AIM 10 VESA Docking Station with USB
I/O
2 x USB 3.0/2.0
1 x RS-232 COM
1 x Gigabit LAN
1 x Power jack
2 x USB 2.0
1 x Power jack
Stand
N/A
N/A
Power
Input Voltage
9 ~ 32 V
19 V
Mechanical
Dimensions (W x D x H)
159.13 x 75.49 x 227 mm (6.3 x 2.9 x 8.9 in)
159.13 x 75.49 x 227 mm (6.3 x 2.9 x 8.9 in)
Weight
0.282 kg (0.62 lb)
0.28 kg (0.61 lb)
Environment
Operating Temperature
-10 ~ 50 °C (14 ~122 °F); 0 ~ 40 °C (32 ~104 °F)
for charging
-10 ~ 50 °C (14 ~122 °F); 0 ~ 40 °C (32 ~104 °F)
for charging
Storage Temperature
-20 ~ 70 °C (-4 ~ 158 °F)
-20 ~ 70 °C (-4 ~ 158 °F)
Safety
UL, CB, LVD, CCC
UL, CB, LVD, CCC
Certifications
CE, FCC, CCC
CE, FCC, CCC
Ordering Information
Part Number
Description
AIM-VSD0-0470
AIM 10 advanced VESA docking station
AIM-VSD0-0471
AIM 10 VESA docking station with USB
AIM-VSD
ƒ 9 ~ 32 V wide input voltage range
ƒ VESA (75 x 75 mm)-compliant docking stations
ƒ -10 ~ 50 °C (14 ~122 °F) operating temperature
ƒ Reliable docking connector for office applications
159.13±0.2
75.49±0.2
37



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com