Electronic Components Datasheet Search
  English  ▼

X  

AIM-MCS Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIM-MCS
Description  10.1" Industrial Tablet with Intel® Atom™ Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIM-MCS Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIM-MCS Datasheet HTML 1Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 2Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 3Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 4Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 5Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 6Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
AIM-68
ƒ Intel® Atom™ processor with Windows 10 IoT & Android 6.0 operating
systems
ƒ 10.1" WUXGA full HD display with scratch-resistant Corning® Gorilla®
Glass 3 and multi-touch PCAP control
ƒ WLAN, BT, NFC & 4G LTE technologies for seamless communication
ƒ Optional docking stations include vehicle, VESA, and desk docking stations
ƒ Optional extension modules such as 1D/2D barcode scanners and a
LAN+COM module
ƒ Optional accessories include a stylus, hand strap, and shoulder strap
ƒ Additional modules and accessories can be customized according to
application requirements
Specifications
System
Processor
Intel® Atom™ x7-Z8750 quad-core, 1.6 Ghz (2M cache, up to 2.56 Ghz)
Memory
4 GB LPDDR3 (up to 8 GB)
OS
Windows 10 IoT Enterprise, AIM Android 6.0
Storage
eMMC
64 GB default (up to 128 GB)
Display
Type
10.1” FHD LCD
Resolution
WUXGA 1920 x 1200
Brightness
380/800 cd/m2 (optional)
Touch Panel
Construction
Corning® Gorilla® Glass 3 with 10-point P-CAP touch control
Audio
Speaker
2 x internal speakers (2 W)
Audio Jack
1 x audio combo jack (combines stereo audio output and mono microphone input)
Camera
Front
2.0-megapixel auto-focus camera
Rear
5.0-megapixel auto-focus camera with LED flash
Sensors
Ambient Light Sensor, G-sensor / eCompass
Barcode Scanner
Barcode Scanner (Optional)
Integrated 1D/2D barcode scanner
I/O Interface
Standard I/O
1 x micro HDMI, 1 x USB 3.0, 1 x combo audio jack, 1 x 19 VDC-in jack, 1 x SIM card reader, 1 x micro SD card
reader
Extended I/O
1 x AIM module pogo pin connector at rear for supporting AIM extension modules
Docking
16-pin pogo pin connector
Buttons
1 x power button, 2 x volume keys (up/down), 1 x programmable function key
LED Indicator
Full: green (100%); Charging: blue; Low: red (
≤10%)
Wireless Communication
WLAN/Bluetooth
IEEE 802.11a/b/g/n/ac, Bluetooth® v4.1
WWAN (Optional)
4G LTE module with AGPS
NFC
13.56 MHz
GNSS
Satellite System (Optional)
Standalone GPS supports GLONASS, BeiDou
Power System
Power Adapter
Input: 100-240 V ~ 1.5 A 50/60 Hz, Output: 19 V, Max.65 W
Battery
Hot-swappable smart battery with capacity LED indicators; Capacity: 26 WHr
Operating time: Approx. 5.5hrs operation (dependent on user scenario*),
Charging time: <3hrs
Mechanical
Dimensions (W x D x H)
280 x 18.3 x 180.1 mm (11 x 0.7 x 7.1 in)
Weight
Approx. 980 g (2.2 lb)
Environment
Operating Temperature
-10 ~ 50 °C (14 ~ 122 °F)
Storage Temperature
-20 ~ 70 °C (-4 ~ 158 °F)
IP Rating
IP65
Shock
Operating: 10 ~ 20 G, 11 ms; Non-operating: 50 G ,11 ms
Vibration
Operating: (5 ~ 500 Hz) 0.5 ~ 1 G; Non-operating: (5 ~ 500 Hz) 0.04 PSD
Humidity
Operating: 10 ~ 90% @ 40 °C non-condensing
Storage: -10 ~ 95% non-condensing
Altitude
Operating: sea level 0 to 3048 m (10k ft); Storage: sea level 0 to 12192 m (40k ft)
Drop Tested
Up to 120 cm (4 ft) onto plywood over concrete
Certifications/Safety/EMC
CE, CB, VCCI, UL60950 (ITE), UL2054, UN38.3, IEC62133, PSE for battery pack,
FCC ID/PTCRB/R&TTE/SRRC/TELEC, FCC15 Class B, CE Mark (DOC Class B), REACH, RoHS
"*Testing method: JEITA 2.0. The battery duration and recharge time may vary according to different factors such as screen brightness, applications, features, power management,
battery condition, and other configurable settings.
10.1" Industrial Tablet with
Intel® Atom™ Processor
CL
ASSIFIED
U
® L
C
US
All product specifications are subject to change without notice.
Last updated: 15-May-2018


Similar Part No. - AIM-MCS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIM-MBC0-0051 ADVANTECH-AIM-MBC0-0051 Datasheet
1Mb / 6P
8 Industrial-Grade Tablet with Intel짰 Atom??Processor
16-May-2019
AIM-MBC0-0051 ADVANTECH-AIM-MBC0-0051 Datasheet
2Mb / 7P
8" Industrial-Grade Tablet with Qualcomm® Snapdragon™ 660 Processor, Android 10 with GMS
26-Mar-2021
AIM-MBC0-0051 ADVANTECH-AIM-MBC0-0051 Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
AIM-MBC0-0051 ADVANTECH-AIM-MBC0-0051 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
AIM-MBC0-0051 ADVANTECH-AIM-MBC0-0051 Datasheet
1Mb / 10P
10.1" Industrial Tablet with Qualcomm Processor
14-Jun-2022
More results

Similar Description - AIM-MCS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PWS-870 ADVANTECH-PWS-870_V01 Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
logo
Advantech Co., Ltd.
AIM-58 ADVANTECH-AIM-58 Datasheet
1Mb / 8P
10.1" Medical-Grade Tablet with Intel® Atom™ Processor and PCAP Touchscreen
2-Feb-2023
logo
BCM Advanced Research.
OFT-10W02 BCM-OFT-10W02 Datasheet
804Kb / 2P
10.1” Intel® Atom™ x5-Z8350 Quad Core Open Frame Tablet
11/03/2022
logo
AAEON Technology
RTC-1010 AAEON-RTC-1010 Datasheet
639Kb / 2P
10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10
2022/12/07
logo
Advantech Co., Ltd.
AIM-65 ADVANTECH-AIM-65_V01 Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
AIM-78S ADVANTECH-AIM-78S Datasheet
1Mb / 10P
10.1" Industrial Tablet with Qualcomm Processor
14-Jun-2022
AIM-35 ADVANTECH-AIM-35_V01 Datasheet
1Mb / 8P
8" Industrial-Grade Tablet with Intel® Atom™ Processor Aimed at Vertical Applications
24-Aug-2021
AIM-38 ADVANTECH-AIM-38 Datasheet
1Mb / 8P
10.1" Industrial Tablet for Retail Application Powered by Intel® Atom™ Processor
31-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com