Electronic Components Datasheet Search
  English  ▼

X  

AIM-MCS Datasheet(PDF) 6 Page - Advantech Co., Ltd.

Part # AIM-MCS
Description  10.1" Industrial Tablet with Intel® Atom™ Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIM-MCS Datasheet(HTML) 6 Page - Advantech Co., Ltd.

  AIM-MCS Datasheet HTML 1Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 2Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 3Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 4Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 5Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 6Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.advantech.com/products
Online Download
Features
Multi-Bay Charging Station for AIM
Specifications
Multi-Battery Charging Station for AIM
Capacity
Number of Bays
4
Power
Charging Current
1 A
Charging Voltage
12.6 V
Input Voltage
19 V
LED Indicators
Green: Full
Amber: Charging
Red: Error
Mechanical
Dimensions (W x D x H)
144.2 x 155.4 x 39 mm (5.7 x 6.1 x 1.5 in)
Weight
0.48 kg (1.05 lb)
Environment
Operating Temperature
0 ~ 40 °C (32 ~104 °F)
Storage Temperature
-10 ~ 50 °C (14 ~ 122 °F)
Safety
UL, CB, LVD, CCC, RCM
Certifications
CE, FCC, CCC, RCM, BSMI
AIM-MCS
ƒ Can charge up to 4 batteries simultaneously
ƒ Overcurrent and overvoltage protection provided
ƒ LED indicators for monitoring charging status
Dimensions
Unit: mm
Ordering Information
Part Number
Description
AIM-MBC0-0051
Multi-battery charging station for AIM
144.20
39



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com