Electronic Components Datasheet Search
  English  ▼

X  

AD7622 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7622
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7622 Datasheet(HTML) 4 Page - Analog Devices

  AD7622 Datasheet HTML 1Page - Analog Devices AD7622 Datasheet HTML 2Page - Analog Devices AD7622 Datasheet HTML 3Page - Analog Devices AD7622 Datasheet HTML 4Page - Analog Devices AD7622 Datasheet HTML 5Page - Analog Devices AD7622 Datasheet HTML 6Page - Analog Devices AD7622 Datasheet HTML 7Page - Analog Devices AD7622 Datasheet HTML 8Page - Analog Devices AD7622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7610
Rev. 0 | Page 4 of 32
Parameter
Conditions/Comments
Min
Typ
Max
Unit
EXTERNAL REFERENCE
PDREF = PDBUF = high
Voltage Range
REF
4.75
5
AVDD + 0.1
V
Current Drain
250 kSPS throughput
30
μA
TEMPERATURE PIN
Voltage Output
@ 25°C
311
mV
Temperature Sensitivity
1
mV/°C
Output Resistance
4.33
kΩ
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.6
V
VIH
2.1
OVDD + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format
Parallel or serial 16-bit
Pipeline Delay5
VOL
ISINK = 500 μA
0.4
V
VOH
ISOURCE = –500 μA
OVDD − 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.756
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
V
VCC
7
15
15.75
V
VEE
−15.75
−15
0
V
Operating Current7, 8
@ 250 kSPS throughput
AVDD
With Internal Reference
8
mA
With Internal Reference Disabled
6.3
mA
DVDD
3.3
mA
OVDD
0.3
mA
VCC
VCC = 15 V, with internal reference buffer
1.4
mA
VCC = 15 V
0.8
mA
VEE
VEE = −15 V
0.7
mA
Power Dissipation
@ 250 kSPS throughput
With Internal Reference
PDREF = PDBUF = low
90
110
mW
With Internal Reference Disabled
PDREF = PDBUF = high
70
90
mW
In Power-Down Mode9
PD = high
10
μW
TEMPERATURE RANGE10
Specified Performance
TMIN to TMAX
−40
+85
°C
1 With VIN = 0 V to 5 V or 0 V to 10 V ranges, the input current is typically 40 μA. In all input ranges, the input current scales with throughput. See the Analog Inputs section.
2 Linearity is tested using endpoints, not best fit. All linearity is tested with an external 5 V reference.
3 LSB means least significant bit. All specifications in LSB do not include the error contributed by the reference.
4 All specifications in dB are referred to a full-scale range input, FSR. Tested with an input signal at 0.5 dB below full-scale, unless otherwise specified.
5 Conversion results are available immediately after completed conversion.
6 4.75 V or VREF – 0.1 V, whichever is larger.
7 Tested in parallel reading mode.
8 With internal reference, PDREF = PDBUF = low; with internal reference disabled, PDREF = PDBUF = high. With internal reference buffer, PDBUF = low.
9 With all digital inputs forced to OVDD.
10 Consult sales for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com