Electronic Components Datasheet Search
  English  ▼

X  

AD7622 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7622
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7622 Datasheet(HTML) 5 Page - Analog Devices

  AD7622 Datasheet HTML 1Page - Analog Devices AD7622 Datasheet HTML 2Page - Analog Devices AD7622 Datasheet HTML 3Page - Analog Devices AD7622 Datasheet HTML 4Page - Analog Devices AD7622 Datasheet HTML 5Page - Analog Devices AD7622 Datasheet HTML 6Page - Analog Devices AD7622 Datasheet HTML 7Page - Analog Devices AD7622 Datasheet HTML 8Page - Analog Devices AD7622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7610
Rev. 0 | Page 5 of 32
TIMING SPECIFICATIONS
AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
CONVERSION AND RESET (See Figure 33 and Figure 34)
Convert Pulse Width
t1
10
ns
Time Between Conversions
t2
4
μs
CNVST Low to BUSY High Delay
t3
35
ns
BUSY High (Except Master Serial Read After Convert)
t4
1.45
μs
Aperture Delay
t5
2
ns
End of Conversion to BUSY Low Delay
t6
10
ns
Conversion Time
t7
1.45
μs
Acquisition Time
t8
380
ns
RESET Pulse Width
t9
10
ns
PARALLEL INTERFACE MODES (See Figure 35 and Figure 37)
CNVST Low to DATA Valid Delay
t10
1.41
μs
DATA Valid to BUSY Low Delay
t11
20
ns
Bus Access Request to DATA Valid
t12
40
ns
Bus Relinquish Time
t13
2
15
ns
MASTER SERIAL INTERFACE MODES1 (See Figure 39 and Figure 40)
CS Low to SYNC Valid Delay
t14
10
ns
CS Low to Internal SDCLK Valid Delay1
t15
10
ns
CS Low to SDOUT Delay
t16
10
ns
CNVST Low to SYNC Delay, Read During Convert
t17
560
ns
SYNC Asserted to SDCLK First Edge Delay
t18
3
ns
Internal SDCLK Period2
t19
30
45
ns
Internal SDCLK High2
t20
15
ns
Internal SDCLK Low2
t21
10
ns
SDOUT Valid Setup Time2
t22
4
ns
SDOUT Valid Hold Time2
t23
5
ns
SDCLK Last Edge to SYNC Delay2
t24
5
ns
CS High to SYNC HI-Z
t25
10
ns
CS High to Internal SDCLK HI-Z
t26
10
ns
CS High to SDOUT HI-Z
t27
10
ns
BUSY High in Master Serial Read After Convert2
t28
See Table 4
CNVST Low to SYNC Delay, Read After Convert
t29
1.31
μs
SYNC Deasserted to BUSY Low Delay
t30
25
ns
SLAVE SERIAL/SERIAL CONFIGURATION INTERFACE MODES1 (See Figure 42,
Figure 43, and Figure 45)
External SDCLK, SCCLK Setup Time
t31
5
ns
External SDCLK Active Edge to SDOUT Delay
t32
2
18
ns
SDIN/SCIN Setup Time
t33
5
ns
SDIN/SCIN Hold Time
t34
5
ns
External SDCLK/SCCLK Period
t35
25
ns
External SDCLK/SCCLK High
t36
10
ns
External SDCLK/SCCLK Low
t37
10
ns
1 In serial interface modes, the SDSYNC, SDSCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise, the load is 60 pF maximum.
2 In serial master read during convert mode. See Table 4 for serial mode read after convert mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com