Electronic Components Datasheet Search
  English  ▼

X  

AD7622 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7622
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7622 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7622 Datasheet HTML 12Page - Analog Devices AD7622 Datasheet HTML 13Page - Analog Devices AD7622 Datasheet HTML 14Page - Analog Devices AD7622 Datasheet HTML 15Page - Analog Devices AD7622 Datasheet HTML 16Page - Analog Devices AD7622 Datasheet HTML 17Page - Analog Devices AD7622 Datasheet HTML 18Page - Analog Devices AD7622 Datasheet HTML 19Page - Analog Devices AD7622 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7610
Rev. 0 | Page 16 of 32
THEORY OF OPERATION
IN+
REF
REFGND
LSB
MSB
32,768C
IN–
16,384C
4C
2C
C
C
65,536C
CNVST
COMP
SWB
SWA
SWITCHES
CONTROL
CONTROL
LOGIC
BUSY
OUTPUT
CODE
Figure 25. ADC Simplified Schematic
OVERVIEW
The AD7610 is a very fast, low power, precise, 16-bit analog-to-
digital converter (ADC) using successive approximation capacitive
digital-to-analog converter (CDAC) architecture.
The AD7610 can be configured at any time for one of four input
ranges with inputs in parallel and serial hardware modes or by a
dedicated write only, SPI-compatible interface via a configure-
tion register in serial software mode. The AD7610 uses Analog
Device’s patented iCMOS high voltage process to accommodate
0 to 5 V, 0 to 10 V, ±5 V, and ±10 V input ranges without the use
of conventional thin films. Only one acquisition cycle, t8, is required
for the inputs to latch to the correct configuration. Resetting or
power cycling is not required for reconfiguring the ADC.
The AD7610 is capable of converting 250,000 samples per
second (250 kSPS) and power consumption scales linearly with
throughput making it useful for battery powered systems.
The AD7610 provides the user with an on-chip track-and-hold,
successive approximation ADC that does not exhibit any pipe-
line or latency, making it ideal for multiple multiplexed channel
applications.
For unipolar input ranges, the AD7610 typically requires three
supplies; VCC, AVDD (which can supply DVDD), and OVDD
which can be interfaced to either 5 V, 3.3 V, or 2.5 V digital logic.
For bipolar input ranges, the AD7610 requires the use of the
additional VEE supply.
The device is housed in Pb-free, 48-lead LQFP or tiny LFCSP
7 mm × 7 mm packages that combine space savings with flexi-
bility. In addition, the AD7610 can be configured as either a
parallel or serial SPI-compatible interface.
CONVERTER OPERATION
The AD7610 is a successive approximation ADC based on a
charge redistribution DAC. Figure 25 shows the simplified
schematic of the ADC. The CDAC consists of two identical
arrays of 16 binary weighted capacitors, which are connected
to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to AGND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on IN+ and IN− inputs. A conversion
phase is initiated once the acquisition phase is complete and the
CNVST input goes low. When the conversion phase begins, SW+
and SW− are opened first. The two capacitor arrays are then
disconnected from the inputs and connected to the REFGND
input. Therefore, the differential voltage between the inputs (IN+
and IN−) captured at the end of the acquisition phase is applied
to the comparator inputs, causing the comparator to become
unbalanced. By switching each element of the capacitor array
between REFGND and REF, the comparator input varies by
binary weighted voltage steps (VREF/2, VREF/4 through VREF/65536).
The control logic toggles these switches, starting with the MSB
first, in order to bring the comparator back into a balanced
condition.
After the completion of this process, the control logic generates
the ADC output code and brings the BUSY output low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com