Electronic Components Datasheet Search
  English  ▼

X  

AD7622 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7622
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7622 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7622 Datasheet HTML 24Page - Analog Devices AD7622 Datasheet HTML 25Page - Analog Devices AD7622 Datasheet HTML 26Page - Analog Devices AD7622 Datasheet HTML 27Page - Analog Devices AD7622 Datasheet HTML 28Page - Analog Devices AD7622 Datasheet HTML 29Page - Analog Devices AD7622 Datasheet HTML 30Page - Analog Devices AD7622 Datasheet HTML 31Page - Analog Devices AD7622 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD7610
Rev. 0 | Page 29 of 32
SCIN
SCCLK
X
START
TEN
123
67
BUSY
HW/SW = 0
INVSCLK = 0
CNVST
SCCS
4
PD
5
BIPOLAR
X
OB/2C
X
89
SER/PAR = 1
BIP = 0 OR 1
TEN = 0 OR 1
IMPULSE = 0 OR 1
WARP = 0 OR 1
PD = 0
t31
t33
t34
X
t35
t36
t37
t31
t8
Figure 45. Serial Configuration Port Timing
MICROPROCESSOR INTERFACING
The AD7610 is ideally suited for traditional dc measurement appli-
cations supporting a microprocessor, and ac signal processing
applications interfacing to a digital signal processor. The AD7610 is
designed to interface with a parallel 8-bit or 16-bit wide inter-
face, or with a general-purpose serial port or I/O ports on a micro-
controller. A variety of external buffers can be used with the
AD7610 to prevent digital noise from coupling into the ADC.
SPI Interface
The AD7610 is compatible with SPI and QSPI digital hosts
and DSPs such as Blackfin® ADSP-BF53x and ADSP-218x/
ADSP-219x. Figure 46 shows an interface diagram between the
AD7610 and the SPI-equipped ADSP-219x. To accommodate
the slower speed of the DSP, the AD7610 acts as a slave device, and
data must be read after conversion. This mode also allows the
daisy-chain feature. The convert command could be initiated
in response to an internal timer interrupt.
The reading process can be initiated in response to the end-of-
conversion signal (BUSY going low) using an interrupt line of
the DSP. The serial peripheral interface (SPI) on the ADSP-219x
is configured for master mode (MSTR) = 1, clock polarity bit
(CPOL) = 0, clock phase bit (CPHA) = 1, and SPI interrupt enable
(TIMOD) = 0 by writing to the SPI control register (SPICLTx).
It should be noted that to meet all timing requirements, the SPI
clock should be limited to 17 Mbps allowing it to read an ADC
result in less than 1 μs. When a higher sampling rate is desired,
use one of the parallel interface modes.
BUSY
CS
SDOUT
SCLK
CNVST
AD7610*
PFx
SPIxSEL (PFx)
MISOx
SCKx
PFx OR TFSx
ADSP-219x*
*ADDITIONAL PINS OMITTED FOR CLARITY.
DVDD
SER/PAR
EXT/INT
RD
INVSCLK
Figure 46. Interfacing the AD7610 to SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com