Electronic Components Datasheet Search
  English  ▼

X  

AD7622 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7622
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7622 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7622 Datasheet HTML 2Page - Analog Devices AD7622 Datasheet HTML 3Page - Analog Devices AD7622 Datasheet HTML 4Page - Analog Devices AD7622 Datasheet HTML 5Page - Analog Devices AD7622 Datasheet HTML 6Page - Analog Devices AD7622 Datasheet HTML 7Page - Analog Devices AD7622 Datasheet HTML 8Page - Analog Devices AD7622 Datasheet HTML 9Page - Analog Devices AD7622 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7610
Rev. 0 | Page 6 of 32
Table 4. Serial Clock Timings in Master Read After Convert Mode
DIVSCLK[1]
0
0
1
1
DIVSCLK[0]
Symbol
0
1
0
1
Unit
SYNC to SDCLK First Edge Delay Minimum
t18
3
20
20
20
ns
Internal SDCLK Period Minimum
t19
30
60
120
240
ns
Internal SDCLK Period Maximum
t19
45
90
180
360
ns
Internal SDCLK High Minimum
t20
15
30
60
120
ns
Internal SDCLK Low Minimum
t21
10
25
55
115
ns
SDOUT Valid Setup Time Minimum
t22
4
20
20
20
ns
SDOUT Valid Hold Time Minimum
t23
5
8
35
90
ns
SDCLK Last Edge to SYNC Delay Minimum
t24
5
7
35
90
ns
BUSY High Width Maximum
t28
2.25
3.00
4.40
7.30
μs
NOTES
1. IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND
SDOUT ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
1.6mA
IOL
500µA
IOH
1.4V
TO OUTPUT
PIN
CL
60pF
Figure 2. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, and SCLK Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
tDELAY
tDELAY
Figure 3. Voltage Reference Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com