Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS307-03 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS307-03 Datasheet HTML 4Page - Renesas Technology Corp ICS307-03 Datasheet HTML 5Page - Renesas Technology Corp ICS307-03 Datasheet HTML 6Page - Renesas Technology Corp ICS307-03 Datasheet HTML 7Page - Renesas Technology Corp ICS307-03 Datasheet HTML 8Page - Renesas Technology Corp ICS307-03 Datasheet HTML 9Page - Renesas Technology Corp ICS307-03 Datasheet HTML 10Page - Renesas Technology Corp ICS307-03 Datasheet HTML 11Page - Renesas Technology Corp ICS307-03 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ICS307-03
SERIALLY PROGRAMMABLE CLOCK SOURCE
SER PROG CLOCK SYNTHESIZER
IDT® SERIALLY PROGRAMMABLE CLOCK SOURCE
8
ICS307-03
REV L 032911
Determining and Controlling the Output Frequency with VersaClockTM II
The ICS307-03 is directly supported by the IDT provided
software called VersaClock II. Complete programming
words for this device can be calculated on any Windows PC
by running the VersaClock II software and simple inputting
desired input and output frequencies. Once the software
generates an appropriate programming word, it may then be
either copied to the Windows clipboard or even directly
programmed into the ICS307-03 via the host computers
parallel port.
For more information on VersaClock II, please visit
www.idt.com.
Manually Determining the Output Frequency
The user has full control over the desired output frequency
as long as it is operated within the limits shown in the AC
Electrical Characteristics.
The output of the ICS307-03 can be determined by the
following equation:
Where:
VCO Divider (V) = 12 to 2055
Reference Divider Word (R) = 1 to 2055
Output Divider = values in tables 5, 6, 7
Also, the following operating ranges should be observed.
To determine the best combination of VCO, reference, and
output dividers, please use the VersaClock II software
mentioned above.
CLK1Frequency
InputFrequency
V
ROD
⋅
--------------------
⋅
=
VCOmin
InputFrequency
V
R
----
VCOmaxfreq
<
⋅
<
20kHz
Input Frequency
R
-------------------------------------------100MHz
<<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com