Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS307-03 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS307-03 Datasheet HTML 6Page - Renesas Technology Corp ICS307-03 Datasheet HTML 7Page - Renesas Technology Corp ICS307-03 Datasheet HTML 8Page - Renesas Technology Corp ICS307-03 Datasheet HTML 9Page - Renesas Technology Corp ICS307-03 Datasheet HTML 10Page - Renesas Technology Corp ICS307-03 Datasheet HTML 11Page - Renesas Technology Corp ICS307-03 Datasheet HTML 12Page - Renesas Technology Corp ICS307-03 Datasheet HTML 13Page - Renesas Technology Corp ICS307-03 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ICS307-03
SERIALLY PROGRAMMABLE CLOCK SOURCE
SER PROG CLOCK SYNTHESIZER
IDT® SERIALLY PROGRAMMABLE CLOCK SOURCE
10
ICS307-03
REV L 032911
Programming Interface
The dynamic register within the ICS307-03 controls the entire device and may be reprogrammed any time after
power is properly applied. If V or R values are changed, the frequency will transition smoothly to the new value
without glitches or short cycles. However, changing any divider or mux in the output signal path may generate a
glitch.
The register is 132 bits in length and accepts the MSB first. The SCLK signal latches the current data bit value in
the rising edge. It latches the most recently shifted 132 bit values into the control register of device whenever CS is
high. Care must be taken to ensure that CS is always low until the system is ready to load in a new register value
and that SCLK is never toggled high when CS is high.
The register can be programmed any time after power is applied, even while in power-down (pin 15 or bit 112 held
low) with the waveform and timing shown below:.
Figure 2: ICS307-03 Programming Timing Diagram
Table 8: AC Parameters for Programming the ICS307-03
Programming with VersaClock Software
The VersaClock II Software not only generates the programming word for the user, it can also be used to program the device
via the host computer’s parallel port. Demonstration boards are available from IDT that allows the VersaClock II S/W to
directly connect the ICS307-03 to a Windows based PC’s DB-25 parallel port connector and programmed simply by pressing
the “Program Part” button.
Parameter
Condition
Min.
Max.
Units
tSETUP
Setup time
2.5
ns
tHOLD
Hold time after SCLK
2.5
ns
tW
Data wait time
2.5
ns
tS
Strobe pulse width
10
ns
SCLK Frequency
200
MHz
128
129
130
131
10
t
hold
t
setup
2
SCLK
CS
t
s
t
w
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com