Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS307-03 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS307-03 Datasheet HTML 1Page - Renesas Technology Corp ICS307-03 Datasheet HTML 2Page - Renesas Technology Corp ICS307-03 Datasheet HTML 3Page - Renesas Technology Corp ICS307-03 Datasheet HTML 4Page - Renesas Technology Corp ICS307-03 Datasheet HTML 5Page - Renesas Technology Corp ICS307-03 Datasheet HTML 6Page - Renesas Technology Corp ICS307-03 Datasheet HTML 7Page - Renesas Technology Corp ICS307-03 Datasheet HTML 8Page - Renesas Technology Corp ICS307-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
SERIALLY PROGRAMMABLE CLOCK SOURCE
ICS307-03
IDT® SERIALLY PROGRAMMABLE CLOCK SOURCE
1
ICS307-03
REV L 032911
Description
The ICS307-03 is a dynamic, serially programmable clock
source which is flexible and takes up minimal board space.
Output frequencies are programmed via a 3-wire SPI port.
An advanced PLL coupled to an array of configurable
output dividers and three outputs allows low-jitter
generation of frequencies from 200 Hz to 270 MHz.
The device can be reprogrammed during operation, making
it ideal for applications where many different frequencies
are required, or where the output frequency must be
determined at run time. Glitch-free frequency transitions,
where the clock period changes slightly over many cycles,
are possible.
Features
• Crystal or clock reference input
• 3.3 V CMOS outputs
• Three outputs can be individually configured or shut off
• Small 16-pin TSSOP package – Pb-free, RoHS
compliant
• Reprogrammable during operation
• 3-wire SPI serial interface
• Glitch-free output frequency switching
• User selectable charge pump current and damping
resistor
• Power-down control via hardware pin or software control
bit
• Programming word can be generated by IDT VersaClock
II Software
• Directly programmable via VersaClock II Software and a
Windows PC parallel port
• Industrial temperature range available
Block Diagram
REF Divide
1-2055
VCO DIVIDE
12-2055
Resistor
(Table 4)
Charge Pump
(Table 3)
(Table 2)
(Table 5)
CLK1
[Bit 110]
[Bit 123]
[Bit 124]
[Bit 129]
[Bit 111]
CLK2
CLK3
(Table 7)
Divider
2 - 8232
(Table 1)
X1
X2
[Bit 122]
Divider
2 - 34
Divider
2 - 34
(Table 6)
1
0
1
0
11pF
300
pF
CP
Programming
Register
(132 bits)
DIN
CS
SCLK


Similar Part No. - ICS307-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
More results

Similar Description - ICS307-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com