Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS307-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS307-03 Datasheet HTML 1Page - Renesas Technology Corp ICS307-03 Datasheet HTML 2Page - Renesas Technology Corp ICS307-03 Datasheet HTML 3Page - Renesas Technology Corp ICS307-03 Datasheet HTML 4Page - Renesas Technology Corp ICS307-03 Datasheet HTML 5Page - Renesas Technology Corp ICS307-03 Datasheet HTML 6Page - Renesas Technology Corp ICS307-03 Datasheet HTML 7Page - Renesas Technology Corp ICS307-03 Datasheet HTML 8Page - Renesas Technology Corp ICS307-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICS307-03
SERIALLY PROGRAMMABLE CLOCK SOURCE
SER PROG CLOCK SYNTHESIZER
IDT® SERIALLY PROGRAMMABLE CLOCK SOURCE
2
ICS307-03
REV L 032911
Pin Assignment
Pin Descriptions
12
1
11
2
10
3
9
X1
4
VDD
5
VDD
6
PD
7
VDD
8
GND
CLK3
GND
CLK2
GND
DIN
SCLK
GND
CS
16
15
14
13
CLK1
X2
16-pin TSSOP
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
XI
Connect to input reference clock or crystal.
2
VDD
Power
Power connection for crystal oscillator.
3
VDD
Power
Power connection for PLL.
4
VDD
Power
Power connection for inputs and outputs.
5
GND
Power
Ground connection for crystal oscillator.
6
GND
Power
Ground connection for PLL.
7
GND
Power
Ground connection for inputs and outputs.
8
CLK1
Output
Clock 1 output.
9
SCLK
Input
Programming interface - Serial clock input. Internal pull-up.
10
CS
Input
Programming interface - LOAD input. Internal pull-down.
11
DIN
Input
Programming interface - Serial data input. Internal pull-up.
12
CLK2
Output
Clock 2 output.
13
GND
Power
Ground connection.
14
CLK3
Output
Clock 3 output.
15
PD
Input
Crystal, PLL, and outputs are powered-down when low. Internal pull-up.
16
X2
-
Connect to crystal. Leave open if reference clock input is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com