Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS307-03 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS307-03 Datasheet HTML 5Page - Renesas Technology Corp ICS307-03 Datasheet HTML 6Page - Renesas Technology Corp ICS307-03 Datasheet HTML 7Page - Renesas Technology Corp ICS307-03 Datasheet HTML 8Page - Renesas Technology Corp ICS307-03 Datasheet HTML 9Page - Renesas Technology Corp ICS307-03 Datasheet HTML 10Page - Renesas Technology Corp ICS307-03 Datasheet HTML 11Page - Renesas Technology Corp ICS307-03 Datasheet HTML 12Page - Renesas Technology Corp ICS307-03 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ICS307-03
SERIALLY PROGRAMMABLE CLOCK SOURCE
SER PROG CLOCK SYNTHESIZER
IDT® SERIALLY PROGRAMMABLE CLOCK SOURCE
9
ICS307-03
REV L 032911
Setting the PLL Loop Response
The PLL loop response is determined both by fixed device
characteristics and by other characterizes set by the user.
This includes the values of RS and CS as shown in the PLL
Components figure on this page.
The PLL loop bandwidth is approximated by:
Where:
RS = Value of resistor RS in loop filter in Ohms
ICP = Charge pump current in amps
KO = VCO Gain in Hz/V
FV Divider = 12 to 2055
The above equation calculates the “normalized” loop
bandwidth (denoted as “NBW”) which is approximately
equal to the - 3dB bandwidth. NBW does not take into
account the effects of damping factor or the second pole
imposed by CP. It does, however, provide a useful
approximation of filter performance.
To prevent jitter due to modulation of the PLL by the phase
detector frequency, the following general rule should be
observed:
.
The PLL loop damping factor is determined by:
Where:
CS = Value of capacitor CS in loop filter in Farads
= 300e-12 in Farads
Default Register Values
At power-up, the registers are set to:
ref divide = 5
VCO divide = 50
output divide = 10 (CLK1)
output divide = 2 (CLK2)
output divide = 2 (CLK3)
bit 123, 124 = 1
ICP = 3.75 µA
R = 16k
Default programming word is:
0x31FFDFFEE3BFFFFFFFFFFFFFFFF055FF2
NBW(PLL)
R
S
I
CP
×
K
O
×
2
π FV Divider
×
------------------------------------------
=
NBW(VCO PLL)
f(Phase Detector)
10
---------------------------------------
≤
DF(VCLK)
R
S
2
------
I
CP
C
S
×
K
O
×
FV Divider
------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com