Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 1 Page - Analog Devices

  AD8137 Datasheet HTML 1Page - Analog Devices AD8137 Datasheet HTML 2Page - Analog Devices AD8137 Datasheet HTML 3Page - Analog Devices AD8137 Datasheet HTML 4Page - Analog Devices AD8137 Datasheet HTML 5Page - Analog Devices AD8137 Datasheet HTML 6Page - Analog Devices AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices AD8137 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost, Low Power 12-Bit
Differential ADC Driver
AD8137
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fully differential
Extremely low power with power-down feature
2.6 mA quiescent supply current @ 5 V
450 µA in power-down mode @ 5 V
High speed
110 MHz large signal 3 dB bandwidth @ G = 1
450 V/µs slew rate
12-bit SFDR performance @ 500 kHz
Fast settling time: 100 ns to 0.02%
Low input offset voltage: ±2.6 mV max
Low input offset current: 0.45 µA max
Differential input and output
Differential-to-differential or single-ended-to-differential
operation
Rail-to-rail output
Adjustable output common-mode voltage
Externally adjustable gain
Wide supply voltage range: 2.7 V to 12 V
Available in small SOIC package
APPLICATIONS
12-bit ADC drivers
Portable instrumentation
Battery-powered applications
Single-ended-to-differential converters
Differential active filters
Video amplifiers
Level shifters
FUNCTIONAL BLOCK DIAGRAM
–IN
1
VOCM 2
VS+ 3
+OUT
4
+IN
8
PD
7
VS–
6
–OUT
5
AD8137
Figure 1.
RG = 1kΩ
VO, dm = 0.1V p-p
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0.1
1
10
100
1000
G = 5
G = 10
G = 1
G = 2
Figure 2. Small Signal Response for Various Gains
GENERAL DESCRIPTON
The AD8137 is a low cost differential driver with a rail-to-rail
output that is ideal for driving 12-bit ADCs in systems that are
sensitive to power and cost. The AD8137 is easy to apply, and its
internal common-mode feedback architecture allows its output
common-mode voltage to be controlled by the voltage applied
to one pin. The internal feedback loop also provides inherently
balanced outputs as well as suppression of even-order harmonic
distortion products. Fully differential and single-ended-to-
differential gain configurations are easily realized by the
AD8137. External feedback networks consisting of four resistors
determine the amplifier’s closed-loop gain. The power-down
feature is beneficial in critical low power applications.
The AD8137 is manufactured on Analog Devices’ proprietary
second generation XFCB process, enabling it to achieve high
levels of performance with very low power consumption.
The AD8137 is available in the small 8-lead SOIC package and
3 mm × 3 mm LFCSP. It is rated to operate over the extended
industrial temperature range of −40°C to +125°C.


Similar Part No. - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
926Kb / 32P
Ultralow Power, Low Distortion
REV. B
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
331Kb / 8P
Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
AD8137 AD-AD8137 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
More results

Similar Description - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com