Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices AD8137 Datasheet HTML 9Page - Analog Devices AD8137 Datasheet HTML 10Page - Analog Devices AD8137 Datasheet HTML 11Page - Analog Devices AD8137 Datasheet HTML 12Page - Analog Devices AD8137 Datasheet HTML 13Page - Analog Devices AD8137 Datasheet HTML 14Page - Analog Devices AD8137 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8137
Rev. A | Page 11 of 24
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
0.1
1
10
VO, dm = 2V p-p
RL, dm = 200Ω
RL, dm = 1kΩ
RL, dm = 500Ω
Figure 25. Second Harmonic Distortion at Various Loads
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
0.1
1
10
G = 2
G = 5
G = 1
VO, dm = 2V p-p
RG = 1kΩ
Figure 26. Second Harmonic Distortion at Various Gains
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
0.1
1
10
VO, dm = 2V p-p
G = 1
RF = 500Ω
RF = 2kΩ
RF = 1kΩ
Figure 27. Second Harmonic Distortion at Various RF
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
0.1
1
10
VO, dm = 2V p-p
RL, dm = 200Ω
RL, dm = 1kΩ
RL, dm = 500Ω
Figure 28. Third Harmonic Distortion at Various Loads
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
0.1
1
10
VO, dm = 2V p-p
RG = 1kΩ
G = 5
G = 1
G = 2
Figure 29. Third Harmonic Distortion at Various Gains
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
0.1
1
10
VO, dm = 2V p-p
G = 1
RF = 500Ω
RF = 2kΩ
RF = 1kΩ
Figure 30. Third Harmonic Distortion at Various RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com