Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8137 Datasheet HTML 10Page - Analog Devices AD8137 Datasheet HTML 11Page - Analog Devices AD8137 Datasheet HTML 12Page - Analog Devices AD8137 Datasheet HTML 13Page - Analog Devices AD8137 Datasheet HTML 14Page - Analog Devices AD8137 Datasheet HTML 15Page - Analog Devices AD8137 Datasheet HTML 16Page - Analog Devices AD8137 Datasheet HTML 17Page - Analog Devices AD8137 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8137
Rev. A | Page 14 of 24
FREQUENCY (MHz)
–5
–25
–35
–15
–45
–65
–55
–85
–75
0.1
1
10
100
PSRR =
∆V
O, dm/∆VS
–PSRR
+PSRR
Figure 43. PSRR vs. Frequency
1
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
1
0
–1
–2
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
VS = +3
VS = +5
VS = ±5
Figure 44. VOCM Small Signal Frequency Response for Various Supply Voltages
700
–700
–600
–500
–400
–300
–200
–100
0
100
200
300
400
500
600
200
1k
10k
RESISTIVE LOAD (
Ω)
VS+ – VOP
VON – VS–
VS = +3V
VS = +5V
Figure 45. Output Saturation Voltage vs. Output Load
FREQUENCY (MHz)
1000
100
10
1
0.1
0.01
0.01
100
10
1
0.1
Figure 46. Single-Ended Output Impedance vs. Frequency
TIME (ns)
4.0
3.0
3.5
2.5
1.5
2.0
1.0
20ns/DIV
2V p-p
1V p-p
Figure 47. VOCM Large Signal Transient Response
320
350
–330
–325
–320
–315
–310
–305
–300
345
340
335
330
325
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
VON – VS–
VS+ – VOP
Figure 48. Output Saturation Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com