Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 3 Page - Analog Devices

  AD8137 Datasheet HTML 1Page - Analog Devices AD8137 Datasheet HTML 2Page - Analog Devices AD8137 Datasheet HTML 3Page - Analog Devices AD8137 Datasheet HTML 4Page - Analog Devices AD8137 Datasheet HTML 5Page - Analog Devices AD8137 Datasheet HTML 6Page - Analog Devices AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices AD8137 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8137
Rev. A | Page 3 of 24
SPECIFICATIONS
Table 1. VS = ±5 V, VOCM = 0 V (@ 25°C, Diff. Gain = 1, RL, dm = RF = RG = 1 kΩ, unless otherwise noted, TMIN to TMAX = −40°C to +125°C)
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VO, dm = 0.1 V p-p
64
76
MHz
−3 dB Large Signal Bandwidth
VO, dm = 2 V p-p
79
110
MHz
Slew Rate
VO, dm = 2 V Step
450
V/µs
Settling Time to 0.02%
VO, dm = 3.5 V Step
100
ns
Overdrive Recovery Time
G = 2, VI, dm = 12 V p-p Triangle Wave
85
ns
NOISE/HARMONIC PERFORMANCE
SFDR
VO, dm = 2 V p-p, fC = 500 kHz
90
dB
VO, dm = 2 V p-p, fC = 2 MHz
76
dB
Input Voltage Noise
f = 50 kHz to 1 MHz
8.25
nV/√Hz
Input Current Noise
f = 50 kHz to 1 MHz
1
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
VIP = VIN = VOCM = 0 V
−2.6
±0.7
+2.6
mV
Input Offset Voltage Drift
TMIN to TMAX
3
µV/°C
Input Bias Current
TMIN to TMAX
0.5
1
µA
Input Offset Current
0.1
0.45
µA
Open-Loop Gain
91
dB
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
−4
+4
V
Input Resistance
Differential
800
KΩ
Common-Mode
400
KΩ
Input Capacitance
Common-Mode
1.8
pF
CMRR
∆VICM = ±1 V
66
79
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each Single-Ended Output, RL, dm = 1 kΩ
VS− + 0.55
VS+ − 0.55
V
Output Current
20
mA
Output Balance Error
f = 1 MHz
−64
dB
VOCM to VO, cm PERFORMANCE
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO, cm = 0.1 V p-p
58
MHz
Slew Rate
VO, cm = 0.5 V p-p
63
V/µs
Gain
0.992
1.000
1.008
V/V
VOCM INPUT CHARACTERISTICS
Input Voltage Range
−4
+4
V
Input Resistance
35
kΩ
Input Offset Voltage
−28
±11
+28
mV
Input Voltage Noise
f = 100 kHz to 1 MHz
18
nV/√Hz
Input Bias Current
0.3
1.1
µA
CMRR
∆VO, dm/∆VOCM, ∆VOCM = ±0.5 V
62
75
dB
POWER SUPPLY
Operating Range
+2.7
±6
V
Quiescent Current
3.2
3.6
mA
Quiescent Current, Disabled
Power-Down = Low
750
900
µA
PSRR
∆VS = ±1 V
79
91
dB
PD PIN
Threshold Voltage
VS− + 0.7
VS− + 1.7
V
Input Current
Power-Down = High/Low
150/210
170/240
µA
OPERATING TEMPERATURE RANGE
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com