Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8137 Datasheet HTML 16Page - Analog Devices AD8137 Datasheet HTML 17Page - Analog Devices AD8137 Datasheet HTML 18Page - Analog Devices AD8137 Datasheet HTML 19Page - Analog Devices AD8137 Datasheet HTML 20Page - Analog Devices AD8137 Datasheet HTML 21Page - Analog Devices AD8137 Datasheet HTML 22Page - Analog Devices AD8137 Datasheet HTML 23Page - Analog Devices AD8137 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8137
Rev. A | Page 24 of 24
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA
Figure 70. 8-Lead Standard Small Outline Package [SOIC]
Narrow Body (R-8)—Dimensions shown in millimeters (inches)
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50
REF
0.50
0.40
0.30
0.25
MIN
0.45
2.75
BSC SQ
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
1.90
1.75
1.60
4
1.60
1.45
1.30
3.00
BSC SQ
5
8
Figure 71. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body (CP-8-2)—Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8137YR
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD8137YR-REEL
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD8137YR-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD8137YRZ1
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD8137YRZ-REEL1
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD8137YRZ-REEL71
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD8137YCP-R2
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HFB
AD8137YCP-REEL
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HFB
AD8137YCP-REEL7
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HFB
AD8137YCPZ-R21
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HGB
AD8137YCPZ-REEL1
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HGB
AD8137YCPZ-REEL71
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HGB
1 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and regis-
tered trademarks are the property of their respective owners.
D04771–0–8/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com