Electronic Components Datasheet Search
  English  ▼

X  

BFR93AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFR93AT
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93AT Datasheet(HTML) 5 Page - NXP Semiconductors

  BFR93AT Datasheet HTML 1Page - NXP Semiconductors BFR93AT Datasheet HTML 2Page - NXP Semiconductors BFR93AT Datasheet HTML 3Page - NXP Semiconductors BFR93AT Datasheet HTML 4Page - NXP Semiconductors BFR93AT Datasheet HTML 5Page - NXP Semiconductors BFR93AT Datasheet HTML 6Page - NXP Semiconductors BFR93AT Datasheet HTML 7Page - NXP Semiconductors BFR93AT Datasheet HTML 8Page - NXP Semiconductors BFR93AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Mar 09
5
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93AT
handbook, halfpage
010
20
30
120
0
40
80
MCD087
h FE
I
(mA)
C
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =5V.
0
1
0
MBG203
48
Cre
(pF)
0.8
0.6
0.4
0.2
12
16
VCB (V)
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
4
2
0
MBG204
6
10 2
10
1
fT
(GHz)
IC (mA)
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 5 V; f = 500 MHz; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com