Electronic Components Datasheet Search
  English  ▼

X  

BFR93AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFR93AT
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFR93AT Datasheet HTML 3Page - NXP Semiconductors BFR93AT Datasheet HTML 4Page - NXP Semiconductors BFR93AT Datasheet HTML 5Page - NXP Semiconductors BFR93AT Datasheet HTML 6Page - NXP Semiconductors BFR93AT Datasheet HTML 7Page - NXP Semiconductors BFR93AT Datasheet HTML 8Page - NXP Semiconductors BFR93AT Datasheet HTML 9Page - NXP Semiconductors BFR93AT Datasheet HTML 10Page - NXP Semiconductors BFR93AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 Mar 09
7
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93AT
handbook, halfpage
2
4
2
0
10
MGC901
10
1
6
1 GHz
500 MHz
f = 2 GHz
F
(dB)
IC (mA)
Fig.10 Minimum noise figure as a function of
collector current; typical values.
VCE =8V.
handbook, halfpage
4
2
0
MGC900
6
f (MHz)
10 4
10 3
10 2
IC = 30 mA
10 mA
5 mA
F
(dB)
Fig.11 Minimum noise figure as a function of
collector current; typical values.
VCE =8V.
handbook, full pagewidth
MGC879
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
45 o
90 o
135 o
0.5
0
0.2
0.5
1
2
5
2
F = 4 dB
F = 3 dB
F = 2 dB
opt
Γ
F
= 1.4 dB
min
0.2
2
1
5
5
o
180
0.2
0.5
1
Fig.12 Common emitter noise figure circles; typical values.
f = 500 MHz; VCE = 8 V; IC = 10 mA; Zo =50 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com