Electronic Components Datasheet Search
  English  ▼

X  

BFR93AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFR93AT
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93AT Datasheet(HTML) 3 Page - NXP Semiconductors

  BFR93AT Datasheet HTML 1Page - NXP Semiconductors BFR93AT Datasheet HTML 2Page - NXP Semiconductors BFR93AT Datasheet HTML 3Page - NXP Semiconductors BFR93AT Datasheet HTML 4Page - NXP Semiconductors BFR93AT Datasheet HTML 5Page - NXP Semiconductors BFR93AT Datasheet HTML 6Page - NXP Semiconductors BFR93AT Datasheet HTML 7Page - NXP Semiconductors BFR93AT Datasheet HTML 8Page - NXP Semiconductors BFR93AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Mar 09
3
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93AT
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITION
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
15
V
VCEO
collector-emitter voltage
open base
−
12
V
VEBO
emitter-base voltage
open collector
−
2V
IC
DC collector current
−
35
mA
Ptot
total power dissipation
Ts ≤ 75 °C; see Fig.2
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
500
K/W
0
50
100
200
100
0
MGU068
150
Ptot
(mW)
Ts (°C)
150
200
50
Fig.2 Power derating curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com