Electronic Components Datasheet Search
  English  ▼

X  

BL55021 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL55021
Description  BL55021
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL55021 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL55021 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL55021 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL55021 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL55021 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL55021 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL55021 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL55021 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL55021 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BL55021
http://www.belling.com.cn
- 2 -
8/11/2006
Total 8 Pages
Wrote by 2006
裸片尺寸
裸片尺寸
裸片尺寸
裸片尺寸
PAD 坐标(X,Y)取 PAD 中心点,IC 以左下角为坐标原点
裸片尺寸:2.09 x 1.98 mm
PAD
NAME X 坐标 Y 坐标
PAD NAME X 坐标 Y 坐标
PAD NAME X 坐标 Y 坐标
1 DOT27
63
1578
17 DOT11
643
64
33
VSS
1917
1113
2 DOT26
63
1458
18 DOT10
763
64
34
CPO
1917 1232.5
3 DOT25
63
1338
19
DOT9
883
64
35
CPI
1917
1490
4 DOT24
63
1218
20
DOT8
1003
64
36 VLCD 1917.5
1610
5 DOT23
63
1098
21
DOT7
1123
64
37
VDD
1912
1801
6 DOT22
63
978
22
DOT6
1243
64
38
TIS
1445
1801
7 DOT21
63
858
23
DOT5
1363
64
39
TB1 1269.5
1801
8 DOT20
63
738
24
DOT4
1483
64
40
TB2 1149.5
1801
9 DOT19
63
618
25
DOT3
1603
64
41 ROW0
974
1801
10 DOT18
63
498
26
DOT2
1723
64
42 ROW1
854
1801
11 DOT17
63
378
27
DOT1
1912
164
43 ROW2
734
1801
12 DOT16
63
258
28
DOT0
1912
284
44 ROW3
614
1801
13 DOT15
163
64
29
CS
1912
404
45 DOT31
494
1801
14 DOT14
282.5
64
30
Tread
1917
524
46 DOT30
374
1801
15 DOT13
403
64
31
CPW
1917
778.5
47 DOT29
254
1801
16 DOT12
523
64
32
DI
1917
951.5
48 DOT28
134
1801
( 0 , 0 )
48
46
45
44 43
42
41
40
39
38
37
36
47
7
6
5
4
3
2
13
8
12
11
10
9
15 16
17 18
19 20 21
25
22 23
24
33
30
31
32
34
35
29
26
27
28
BL55021
14
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com