Electronic Components Datasheet Search
  English  ▼

X  

QSMP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QSMP
Description  QFN Style Solder-Down Computer-on-Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSMP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QSMP Datasheet HTML 1Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 2Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 3Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 4Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 5Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 6Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 7Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 8Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
QSMP
STM32MP1 Block Diagram
QSMP-1510
STM32MP151A
QSMP-1510C
STM32MP157C
QSMP-1530C
STM32MP157C
QSMP-1570
STM32MP157C
Primary
Arm® Core
1x Cortex®-A7
up to 650 MHz
2x Cortex®-A7
up to 650 MHz
2x Cortex®-A7
up to 650 MHz
Secondary
Arm® Core
1x Cortex-M4
up to 200 MHz
1x Cortex-M4
up to 200 MHz
1x Cortex-M4
up to 200 MHz
RAM
256 MB
256 MB
512 MB
ROM
128MB SLC NAND
4GB eMMC
Display
Interface
24-bit RGB
24-bit RGB +
2-lane MIPI-DSI
3D GPU
-
yes
yes
CAN
-
2x FD-CAN
2x FD-CAN
Security
-
Secure Boot, Cryptography
Temperature
-40°C to 85°C
-40°C to 85°C
-25°C to 85°C
Order Code
QSMP/151A/256S/128F/I
QSMP/157C/256S/128F/I
QSMP/157C/256S/4GF/E85 QSMP/157C/512S/4GF/E85
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de
External Memories
3x SDMMC
DDR3L @ 533 Mhz
Dual Quad-SPI
ARM® Dual Cortex®-A7
650 MHz
L1 32kB I
L1 32kB D
256kB L2 Cache
ARM®
Cortex®-M4
209 MHz
FPU
MPU
Internal Memories
System RAM 256kB
MCU System RAM
384kB
OTP fuse 3kB
Graphics
Backup RAM 4kB
MCU Retention RAM
64kB
3D GPU OpenGL ES 2.0
@ 533 MHz
MIPI-DSI controller
LCD-TFT controller
Control
2x 16-bit advanced
motor control timers
15x 16-bit timers
2x 32-bit timers
Analog
2x 16-bit ADCs
2x 12-bit DACs
Connectivity
10/100M or Gigabit
Ethernet GMAC
Camera interface
HDMI-CEC
3x USB 2.0 Host/OTG
with 2x HS PHY
2x CAN FD
MDIO slave
6x SPI / 3x I²S
DFSDM
(8 channels/6 filters)
6x I²C
4x UART + 4x USART
4x SAI
SPDIF
Security
3x Tamper Pins with
1 active
SHA-256, MD5, HMAC
Secure RAMs
Secure Peripherals
Secure RTC
Analog true RNG
96-bit unique ID
TrustZone
AES 256, TDES
Secure Boot
System
Internal and External
Oscillators
Reset and Clock
3x watchdogs
Up to 176 GPIOs
5x LDOs
MDMA + 2x DMA
STM32 MP15xC only
STM32 MP157 only
n/a on STM32 MP151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com