Electronic Components Datasheet Search
  English  ▼

X  

QSMP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QSMP
Description  QFN Style Solder-Down Computer-on-Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSMP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QSMP Datasheet HTML 5Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 6Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 7Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 8Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 9Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 10Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 11Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 12Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
QSMP
PIN
QSCOM
STANDARD
MP1
PAD
Alternate Function
0-3
Alternate Function
4-7
Alternate Function
8-11
Alternate Function
12-15
Remarks
Additional functions
34
ENET_TXD1
PG14
TRACED1
LPTIM1_ETR
-
-
-
SPI6_MOSI
SAI4_D1
USART6_TX
-
QUADSPI_BK2_IO3
SAI4_SD_A
ETH1_RGMII_TXD1/
ETH1_RMII_TXD1
FMC_A25
-
LCD_B0
EVENTOUT
35
ENET_TXD0
PG13
TRACED0
LPTIM1_OUT
SAI1_CK2
-
SAI4_CK1
SPI6_SCK
SAI1_SCK_A
USART6_CTS/USART6_NSS
-
-
SAI4_MCLK_A
ETH1_RGMII_TXD0/
ETH1_RMII_TXD0
FMC_A24
-
LCD_R0
EVENTOUT
SD
36
SD_CD
PB7
-
TIM17_CH1N
TIM4_CH2
-
I2C1_SDA
-
I2C4_SDA
USART1_RX
-
-
SDMMC2_D1
DFSDM1_CKIN5
FMC_NL
DCMI_VSYNC
-
EVENTOUT
37
SD_D1
PC9
TRACED1
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S_CKIN
-
-
UART5_CTS
QUADSPI_BK1_IO0
-
-
SDMMC1_D1
DCMI_D3
LCD_B2
EVENTOUT
38
SD_D0
PC8
TRACED0
-
TIM3_CH3
TIM8_CH3
-
-
UART4_TX
USART6_CK
UART5_RTS/UART5_DE
-
-
-
SDMMC1_D0
DCMI_D2
-
EVENTOUT
39
SD_CLK
PC12
TRACECLK
MCO2
SAI4_D3
-
-
-
SPI3_MOSI/I2S3_SDO
USART3_CK
UART5_TX
-
SAI4_SD_B
-
SDMMC1_CK
DCMI_D9
-
EVENTOUT
40
SD_CMD
PD2
-
-
TIM3_ETR
-
I2C5_SMBA
-
UART4_RX
-
UART5_RX
-
-
-
SDMMC1_CMD
DCMI_D11
-
EVENTOUT
41
SD_D3
PC11
TRACED3
-
-
DFSDM1_DATIN5
-
-
SPI3_MISO/I2S3_SDI
USART3_RX
UART4_RX
QUADSPI_BK2_NCS
SAI4_SCK_B
-
SDMMC1_D3
DCMI_D4
-
EVENTOUT
42
SD_D2
PC10
TRACED2
-
-
DFSDM1_CKIN5
-
-
SPI3_SCK/I2S3_CK
USART3_TX
UART4_TX
QUADSPI_BK1_IO1
SAI4_MCLK_B
-
SDMMC1_D2
DCMI_D8
LCD_R2
EVENTOUT
USB
43
USBA_VBUS
Not connected
44
USBA_DN
USB_
DM1
45
USBA_DP
USB_
DP1
46
USBB_VBUS
OTG_
VBUS
47
USBB_DN
USB_
DM2
48
USBB_DP
USB_
DP2
POWER SUPPLY & RESET
49
VIN
3.3V power supply input
50
51 NRST_PWREN
This dual function pin is used as reset input and peripheral power supply enable output. NRST_PWREN is directly connected to STM32MP1 NRST and
NRST_CORE and enables the DDR memory power supply VDD_DDR. 10nF capacitors on NRST and NRST_CORE protects the device against parasitic
resets. The STM32MP1 has permanent internal pull-up resistors to 3.3V. Refer also to STM32MP1 datasheet, chap. 6.3.18 NRST and NRST_CORE pin
characteristics.
52 BOOT_MODE
H: Boot from FLASH
L: Boot from UART/USB
DISPLAY
53
LCD_DE
CSI_DP2
LVDS1_TX2P
PE13
HDP2
TIM1_CH3
-
DFSDM1_CKIN5
-
SPI4_MISO
-
-
-
-
SAI2_FS_B
-
FMC_D10/FMC_DA10
DCMI_D6
LCD_DE
EVENTOUT
54
LCD_VSYNC
CSI_DN2
LVDS1_TX2N
PI9
HDP1
-
-
-
-
-
-
-
UART4_RX
FDCAN1_RX
-
-
-
-
LCD_VSYNC
EVENTOUT
55
LCD_HSYNC
CSI_DP0
LVDS1_TX0P
PI10
HDP0
-
-
-
-
-
-
-
USART3_CTS/USART3_NSS
-
-
ETH1_GMII_RX_ER/
ETH1_MII_RX_ER
-
-
LCD_HSYNC
EVENTOUT
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com