Electronic Components Datasheet Search
  English  ▼

X  

QSMP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QSMP
Description  QFN Style Solder-Down Computer-on-Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSMP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QSMP Datasheet HTML 1Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 2Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 3Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 4Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 5Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 6Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 7Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 8Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
QSMP
Layout Guidelines
Land pattern
See figure above for the suggested module layout. The
five 1mm pads in the square GND pad cutout can be
omitted if no JTAG Boundary Scan test is used. The
solder mask openings are shown below.
The ground pad solder mask on the bottom side of the
QSCOM module is divided into sections for a better
reliability of the solder joint and self-alignment of the
component.
If the via holes used on the application board have a
diameter larger than 0.3 mm, it is recommended to
mask the via holes to prevent solder wicking through
the via holes. Solders have a habit of filling holes and
leaving voids in the thermal pad solder junction, as well
as forming solder balls on the other side of the
application board which can in some cases be
problematic. The 0.7mm wide solder mask stripes can
be used to arrange the vias as shown here:
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com