Electronic Components Datasheet Search
  English  ▼

X  

QSMP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QSMP
Description  QFN Style Solder-Down Computer-on-Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSMP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QSMP Datasheet HTML 1Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 2Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 3Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 4Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 5Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 6Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 7Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 8Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
QSMP
QS Family
QFN Style Solder-Down
Computer-on-Modules
• Solder-down version
• 27mm square
• 2.3mm total height
• QFN type lead style
◦ 1mm pitch
◦ 100 pads
◦ Thermal pad
• Visual solder joint inspection possible after soldering
• Single-sided assembly
• High speed design compliant
• 3.3V power supply
Key Features
• Processor
STM32MP1 Series
Arm® Cortex®-A7 650MHz
Arm® Cortex®-M4 209MHz
• RAM
256MB or 512MB DDR3L
• ROM
4GB eMMC or 128MB SLC NAND
• Grade
Industrial
• Temperature
-25°C to 85°C (eMMC)
-40°C to 85°C (NAND)
• Display support
Display Interface
24-bit RGB
MIPI® DSI (2-lanes)*)
GPU*)
3D GPU: Vivante®,
OpenGL® ES 2.0
• Connectivity
◦ Gb Ethernet, USB2.0, eMMC/SD
◦ UART, I²C, SPI, PWM, SAI, CAN*)
OS Support
• Linux
*) Depends on SPM32MP1 version
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de
Dua
l
Dua
l
Cort
ex
Cort
ex
®
®
-A7
-A7


Similar Part No. - QSMP

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QSM-0-18000-4-24-1 QUALWAVE-QSM-0-18000-4-24-1 Datasheet
185Kb / 1P
Switch Matrix
Rev 1.1
QSM-0-40000-3-18-1 QUALWAVE-QSM-0-40000-3-18-1 Datasheet
1Mb / 2P
Switch Matrix
Rev 1.1
QSM-0-40000-4-32-1 QUALWAVE-QSM-0-40000-4-32-1 Datasheet
246Kb / 2P
Switch Matrix
Rev 1.1
QSM-0-67000-20-8-1 QUALWAVE-QSM-0-67000-20-8-1 Datasheet
304Kb / 1P
Switch Matrix
Rev 1.1
QSM-0-X-1-2-1 QUALWAVE-QSM-0-X-1-2-1 Datasheet
649Kb / 2P
Switch Matrix
Rev 1.1
More results

Similar Description - QSMP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
Computer on Modules
Rev 0; 11/12
MAX14955 MAXIM-MAX14955 Datasheet
5Mb / 19P
Computer on Modules
Rev 0; 3/13
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
Computer-on-Modules
BW968 GSR-BW968 Datasheet
404Kb / 2P
Computer-on-Modules
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
Computer-on-Modules
KB968 GSR-KB968 Datasheet
402Kb / 2P
Computer-on-Modules
KU968 GSR-KU968 Datasheet
402Kb / 2P
Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
Computer-on-Modules
SU968 GSR-SU968 Datasheet
404Kb / 2P
Computer-on-Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com