Electronic Components Datasheet Search
  English  ▼

X  

QSMP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QSMP
Description  QFN Style Solder-Down Computer-on-Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSMP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QSMP Datasheet HTML 1Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 2Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 3Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 4Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 5Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 6Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 7Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 8Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
QSMP
Soldering Recommendations
Ka-Ro QSCOM modules are compatible with industrial
standard reflow profile for Pb-free solders. Ka-Ro will
give following recommendations for soldering the
module to ensure reliable solder joint and operation of
the module after soldering. Since the profile used is
process and layout dependent, the optimum profile
should be studied case by case. Thus following
recommendations should be taken as a starting point
guide.
• Refer to technical documentations of particular
solder paste for reflow profile configurations
• Avoid using more than one flow.
• A 150μm stencil thickness is recommended.
• Aperture size of the stencil should be 1:1 with
the pad size.
• A low residue, “no clean” solder paste should be
used due to low mounted height of the
component.
Recommended stencil design
Aperture size of the stencil is 1:1 with the pad size.
Four 1.7mm diameter bumps are used for each of the
4.3mm square GND pads sections giving a 50% solder
paste padding. The lower component settling with this
ensures that the pads at the edge are always soldered
even at vertical misalignment by distortion or warping.
Thermal Considerations
The QSCOM module consume more than 1 W of DC
power. In any application where high ambient
temperatures for more than a few seconds can occur, it
is important that a sufficient cooling surface is provided
to dissipate the heat. The thermal pad at the bottom of
the module must be connected to the application board
ground planes by soldering. The application board
should provide a number of vias under and around the
pad to conduct the produced heat to the board ground
planes, and preferably to a copper surface on the other
side of the board in order to conduct and spread the
heat. The module internal thermal resistance should in
most cases be negligible compared to the thermal
resistance from the module into air, and common
equations for surface area required for cooling can be
used to estimate the temperature rise of the module.
Only copper planes on the circuit board surfaces with a
solid thermal connection to the module ground pad will
dissipate heat. For an application with high load the
maximum allowed ambient temperature should be
reduced due to inherent heating of the module,
especially with small fully plastic enclosed applications
where heat transfer to ambient air is low due to low
thermal conductivity of plastic. The module measured
on the evaluation board exhibits a temperature rise of
about
20°C
above
ambient
temperature.
An
insufficiently cooled module will rapidly heat beyond
operating range in ambient room temperature.
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com