Electronic Components Datasheet Search
  English  ▼

X  

ADM2485 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2485
Description  High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2485 Datasheet HTML 2Page - Analog Devices ADM2485 Datasheet HTML 3Page - Analog Devices ADM2485 Datasheet HTML 4Page - Analog Devices ADM2485 Datasheet HTML 5Page - Analog Devices ADM2485 Datasheet HTML 6Page - Analog Devices ADM2485 Datasheet HTML 7Page - Analog Devices ADM2485 Datasheet HTML 8Page - Analog Devices ADM2485 Datasheet HTML 9Page - Analog Devices ADM2485 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADM2485
Preliminary Technical Data
VDE 0884 INSULATION CHARACTERISTICS
This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured by
means of protective circuits.
An asterisk (*) on packages denotes VDE 0884 approval for 560 V peak working voltage.
Table 5.
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110 for rated mains voltage
≤150 V rms
≤300 V rms
≤400 V rms
Climatic classification
Pollution degree (DIN VDE 0110, Table 1)
Maximum working insulation voltage
Input to output test voltage, Method b1
VIORM × 1.875 = VPR, 100% production tested, tm = 1 sec, partial discharge < 5 pC
Input to output test voltage, Method a
(After environmental tests, Subgroup 1)
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
(After input and/or safety test, Subgroup 2/3)
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
Highest allowable overvoltage
(Transient overvoltage, tTR = 10 sec)
Safety-limiting values (maximum value allowed in the event of a failure. See
thermal derating curve)
Case temperature
Input current
Output current
Insulation resistance at Ts, VIO = 500 V
VIORM
VPR
VPR
VTR
TS
IS, INPUT
IS, OUTPUT
Rs
I to IV
I to III
I to II
40/85/21
2
560
1050
896
672
4000
150
265
335
>109
VPEAK
VPEAK
VPEAK
VPEAK
VPEAK
°C
mA
mA
Ω
Rev. PrK | Page 6 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com