Electronic Components Datasheet Search
  English  ▼

X  

ADM2485 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2485
Description  High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 3 Page - Analog Devices

  ADM2485 Datasheet HTML 1Page - Analog Devices ADM2485 Datasheet HTML 2Page - Analog Devices ADM2485 Datasheet HTML 3Page - Analog Devices ADM2485 Datasheet HTML 4Page - Analog Devices ADM2485 Datasheet HTML 5Page - Analog Devices ADM2485 Datasheet HTML 6Page - Analog Devices ADM2485 Datasheet HTML 7Page - Analog Devices ADM2485 Datasheet HTML 8Page - Analog Devices ADM2485 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary Technical Data
ADM2485
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY CURRENT
Logic Side
Bus Side
1.0
4.0
2.1
43.0
58.0
1.3
0.8
1.1
3.0
mA
mA
mA
mA
mA
mA
mA
mA
mA
RTS = 0 V, VDD1
= 5.5 V
2 Mbps, VDD1
= 5.5 V, Figure 5
16 Mbps, VDD1
= 5.5 V, Figure 5
RTS = 0 V, VDD1
= 3 V
2 Mbps, VDD1
= 3 V, Figure 5
16 Mbps, VDD1
= 3 V, Figure 5
RTS = 0 V
2 Mbps, RTS = VDD1, Figure 5
16 Mbps, RTS = VDD1, Figure 5
COMMON-MODE TRANSIENT IMMUNITY1
25
kV/µs
VCM = 1 kV, Transient Magnitude =
800 V
HIGH FREQUENCY COMMON-MODE NOISE
IMMUNITY
100
mV
VHF = +5V, −2 V < VTEST2 < 7 V,
1 < fTEST < 50 MHz, Figure 6
1 CM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common-mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.
TIMING SPECIFICATIONS
2.7 ≤ VDD1 ≤ 5.5 V, 4.75 V ≤ VDD2 ≤ 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
16
Mbps
Propagation Delay Input to Output
25
45
55
ns
RLDIFF = 54
Ω, CL1 = CL2 = 100 pF; See Figure 7.
tPLH, tPHL
RTS-to-DE Propagation Delay
20
35
55
ns
See Figure 8.
Driver O/P to O/P tSKEW
2
5
ns
RLDIFF = 54
Ω, CL1 = CL2 = 100 pF; See Figure 7 and
Figure 12.
Rise/Fall Time tR, tF
5
15
ns
RLDIFF = 54
Ω, CL1 = CL2 = 100 pF; See Figure 7 and
Figure 12.
Enable Time
43
53
ns
See Figure 9 and Figure 14.
Disable Time
43
55
ns
See Figure 9 and Figure 14.
Enable Skew, |tAZH-tBZL|, |tAZL-tBZH|
1
3
ns
See Figure 9 and Figure 14.
Disable Skew, |tAHZ-tBLZ|, |tALZ-tBHZ|
2
5
ns
See Figure 9 and Figure 14.
RECEIVER
Propagation Delay tPLH, tPHL
25
45
55
ns
CL = 15 pF; See Figure 10 and Figure 13.
Differential Skew tSKEW
5
ns
CL = 15 pF; See Figure 10 and Figure 13.
Enable Time
3
13
ns
RL = 1 k
Ω, CL = 15 pF; See Figure 11 and
Figure 15.
Disable Time
3
13
ns
RL = 1 k
Ω, CL = 15 pF; See Figure 11 and
Figure 15.
Rev. PrK | Page 3 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com