Electronic Components Datasheet Search
  English  ▼

X  

ADM2485 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM2485
Description  High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM2485 Datasheet HTML 5Page - Analog Devices ADM2485 Datasheet HTML 6Page - Analog Devices ADM2485 Datasheet HTML 7Page - Analog Devices ADM2485 Datasheet HTML 8Page - Analog Devices ADM2485 Datasheet HTML 9Page - Analog Devices ADM2485 Datasheet HTML 10Page - Analog Devices ADM2485 Datasheet HTML 11Page - Analog Devices ADM2485 Datasheet HTML 12Page - Analog Devices ADM2485 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Preliminary Technical Data
ADM2485
SWITCHING CHARACTERISTICS
0.7VDD1
3V
tPHL
tPLH
VO
1.5V
1.5V
tF
tR
10% POINT
10% POINT
90% POINT
90% POINT
1/2VO
tSKEW = |tPLH – tPHL|
tLZ
tZL
tHZ
tZH
VOH –0.5V
VOH +0.5V
0.3VDD1
0.5VDD1
0.5VDD1
2.3V
2.3V
VOL
VOH
0.7VDD1
0.3VDD1
0.5VDD1
0.5VDD1
VOL
O/P LOW
tLZ
tZL
tHZ
tZH
VOH +0.5V
1.5V
RTS
A–B
A–B
0V
B
A
VO
0V
–VO
0V
Figure 12. Driver Propagation Delay, Rise/Fall Timing
Figure 14. Driver Enable/Disable Timing
A–B
RxD
0V
0V
1.5V
1.5V
tPLH
tSKEW = |tPLH – tPHL|
tPHL
RE
VOH
RxD
O/P HIGH
VOH
VOH –0.5V
1.5V
Figure 15. Receiver Enable/Disable Timing
VOL
RxD
0V
Figure 13. Receiver Propagation Delay
Rev. PrK | Page 9 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com