Electronic Components Datasheet Search
  English  ▼

X  

ADM2485 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2485
Description  High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 1 Page - Analog Devices

  ADM2485 Datasheet HTML 1Page - Analog Devices ADM2485 Datasheet HTML 2Page - Analog Devices ADM2485 Datasheet HTML 3Page - Analog Devices ADM2485 Datasheet HTML 4Page - Analog Devices ADM2485 Datasheet HTML 5Page - Analog Devices ADM2485 Datasheet HTML 6Page - Analog Devices ADM2485 Datasheet HTML 7Page - Analog Devices ADM2485 Datasheet HTML 8Page - Analog Devices ADM2485 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
���
�
�
���
���
��
High Speed Isolated RS-485 Transceiver
with Integrated Transformer Driver
Preliminary Technical Data
ADM2485
FEATURES
Half-duplex isolated RS-485 transceiver
Integrated oscillator driver for external transformer
PROFIBUS compliant
Complies with ANSI TIA/EIA RS-485-A-1998 and
ISO 8482:1987(E)
16 Mbps data rate
5 V or 3 V operation (VDD1)
50 nodes on bus
Receiver open-circuit, fail-safe design
High common-mode transient immunity: >25 kV/μs
Isolated DE OUT status output
Thermal shutdown protection
Safety and regulatory approvals (pending):
UL recognition—2500 VRMS for 1 minute per UL 1577
CSA component acceptance notice #5A
VDE certificate of conformity
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01
DIN EN 60950 (VDE 0805):2001-12; EN 60950: 2000
VIORM = 560 V peak
Operating temperature range: -40° to 85°C
Wide body 16-lead SOIC package
APPLICATIONS
Isolated RS-485/RS-422 interfaces
PROFIBUS networks
Industrial field networks
Multipoint data transmission systems
GENERAL DESCRIPTION
The ADM2485 differential bus transceiver is an integrated,
galvanically isolated component designed for bidirectional data
communication on multipoint bus transmission lines. It is
designed for balanced transmission lines and complies with
ANSI TIA/EIA RS-485-A-1998 and ISO 8482:1987(E).
The device employs Analog Devices’ iCoupler technology to
combine a 3-channel isolator, a 3-state differential line driver,
and a differential input receiver into a single package. An on-
chip oscillator outputs a pair of square waveforms which drive
an external transformer to provide isolated power with an
external transformer. The logic side of the device can be
powered with either a 5 V or a 3 V supply while the bus side is
powered with an isolated 5 V supply.
The ADM2485 driver has an active high enable. The driver
differential outputs and the receiver differential inputs are
connected internally to form a differential input/output port
that imposes minimal loading on the bus when the driver is
disabled or when VDD1 or VDD2 = 0 V. Also provided is an active
high receiver disable that causes the receive output to enter a
high impedance state.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where bus
contention might cause excessive power dissipation. The part is
fully specified over the industrial temperature range and is
available in a 16-lead wide-body SOIC package.
FUNCTIONAL BLOCK DIAGRAM
���� �� ��
����
���
������
��� �
����
Figure 1
Rev.PrK
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
Tel: 781.329.4700
www.analog.com
registered trademarks are the property of their respective owners.
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADM2485

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2485 AD-ADM2485 Datasheet
586Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
586Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ-REEL7 AD-ADM2485BRWZ-REEL7 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
More results

Similar Description - ADM2485

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com