Electronic Components Datasheet Search
  English  ▼

X  

ADM2485 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM2485
Description  High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM2485 Datasheet HTML 7Page - Analog Devices ADM2485 Datasheet HTML 8Page - Analog Devices ADM2485 Datasheet HTML 9Page - Analog Devices ADM2485 Datasheet HTML 10Page - Analog Devices ADM2485 Datasheet HTML 11Page - Analog Devices ADM2485 Datasheet HTML 12Page - Analog Devices ADM2485 Datasheet HTML 13Page - Analog Devices ADM2485 Datasheet HTML 14Page - Analog Devices ADM2485 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADM2485
Preliminary Technical Data
APPLICATIONS INFORMATION
PC BOARD LAYOUT
The ADM2485 isolated RS-485 transceiver requires no external
interface circuitry for the logic interfaces. Power supply
bypassing is strongly recommended at the input and output
supply pins (see Figure ).
Bypass capacitors are most conveniently connected between Pin
3 and Pin 4 for VDD1 and between Pin 15 and Pin 16 for VDD2.
The capacitor value should be between 0.01 µF and 0.1 µF. The
total lead length between both ends of the capacitor and the
input power supply pin should not exceed 20 mm.
Bypassing between Pin 1 and Pin 8 and between Pin 9 and Pin
16 should also be considered unless the ground pair on each
package side is connected close to the package.
D1
ADM2485
VDD2
D2
GND2
GND1
GND2
B
VDD1
RxD
A
RE
GND2
RTS
DE OUT
TxD
GND2
Figure 19. Recommended Printed Circuit Board Layout
In applications involving high common-mode transients, care
should be taken to ensure that board coupling across the isola­
tion barrier is minimized. Furthermore, the board layout should
be designed such that any coupling that does occur equally
affects all pins on a given component side.
Failure to ensure this could cause voltage differentials between
pins exceeding the device’s absolute maximum ratings, thereby
leading to latch-up or permanent damage.
APPLICATIONS DIAGRAM
The ADM2485 integrates a transformer driver which when
used with an external transformer and LDO generates an
isolated 5V power supply, to be supplied between the VDD2 and
the GND2 pins.
Pins D1 and D2 of the ADM2485 drive a center-tapped
transformer T1, A pair of Schottky diodes and a smoothing
capacitor are used to create a rectified signal from the
secondary winding. The ADP667 linear voltage regulator
provides a regulated 5V power supply to the ADM2485’s bus-
side circuitry (VDD2), as shown in Figure 20.
When the ADM2485 is powered by 3V on the logic side a
1CT:2.2CT transformer T1 is required to step up the 3V to 6V,
so that therefore is enough headroom for the ADP667 LDO to
output a regulated 5V output.
If ADM2485 is powered by 5V on the logic side a 1CT:1.5CT
transformer T1 is required so that therefore is enough
headroom for the ADP667 LDO to output a regulated 5V
output.
ISOLATION BARRIER
100nF
V
CC
ADP667
IN
OUT
GND
SET
SHDN
V
DD2
GND
2
V
DD1
GND
1
V
CC
1N5817
1N5817
22µF
+5V
T1
10µF
D1 D2
ADM2485
100nF
ISO 5V
Figure 20. Applications Diagram
Rev. PrK | Page 14 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com