Electronic Components Datasheet Search
  English  ▼

X  

HDRA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HDRA
Description  0.8 mm Pitch Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HDRA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HDRA Datasheet HTML 1Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 2Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 3Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 4Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 5Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 6Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 7Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 8Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Reflow temperature profile
(for reference purposes)
Flow temperature profile
(for reference purposes)
The reflow temperature profile shown in this drawing is for reference
purposes. This profile depends on requirements such as reflow
equipment, soldering paste, and PCB size. Thus, this profile may not
meet with your specific situation. Please evaluate your PCB-mounting
soldering and set your own reflow temperature profile.
ΩApplicable products
The profile shown in this drawing is applicable only for those products shown above.
The flow temperature profile as shown above is for reference
purposes. This profile depends on requirements such as the PCB size.
Thus, this profile may not meet with your specific situation. Please
evaluate your PCB-mounting soldering and set your own flow
temperature profile.
ΩApplicable products
The profile shown in this drawing is applicable only for those products shown above.
HDRA series SMT type for PCB
HDRA series through hole type for PCB
100~130˚C
260±5˚C
30~60sec
5sec
150~180˚C
220˚C
250˚C
(Full heating
period)
30~60sec
(Preheating period)
90~120sec
(Peak)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com