Electronic Components Datasheet Search
  English  ▼

X  

HDRA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HDRA
Description  0.8 mm Pitch Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HDRA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HDRA Datasheet HTML 6Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 7Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 8Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 9Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 10Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 11Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 12Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 13Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
● Components
➀ Insulator
➁ Shell
➂ Contacts
➂
➀
➁
0.8
0.8
C0.2
0.8
Recommended PCB layout
t=0.8mm
0.8
POS.#68
POS.#35
POS.#34
POS.#1
POS.#1
POS.#34
(C2.2)
C0.5
13.2
0.8≈33=26.4
0.8≈33=26.4
33.7
28.2
30.4
31.95
30.2
±0.05
13.2
0.8
0.45
±0.05
POS.#68
POS.#35
0.45
±0.05
HDRA-E 68 MT+
➁➂
➀ Series name
➁ No. of contacts: 68
➂ Type of contact
MT: Straddle SMT type, male
0.8mm pitch connector
For PCB
Straddle SMT
ANSI/SFF8441
Straddle SMT type male connector for PCB
HDRA-E68MT+
● Configuration of product Part No.
➀
Mating connector: HDRA series through hole type or straddle SMT type female connector
25˚
±0.05
±0.03
±0.1
±0.03
Others
Wire
wrapping
Crimping
Soldering
IDC
Press-in
SMT
Through
hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com