Electronic Components Datasheet Search
  English  ▼

X  

HDRA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HDRA
Description  0.8 mm Pitch Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HDRA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HDRA Datasheet HTML 1Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 2Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 3Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 4Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 5Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 6Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 7Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 8Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
HDRA series
0.8 mm Pitch Connectors
Outline
HDRA series connectors have been developed based on the HDR series
products for high speed signal interfaces such as SCSI-III, VHDCI and PCI.
Features
Principal
Applications
• Conforms to the United States ANSI/SFF8441 standards
• Provided with high performance EMI/ESD-shielded structure
• Mounted with locks or screws
• Low profile
• Sequence structure
type personal computers and their peripheral
equipment, and mobile equipment
Electrical
Characteristics
Rated voltage
30V AC (r.m.s.)
Rated current
0.3 A
Insulation resistance
Over 500 megohms at 100V DC
Dielectric withstanding voltage
250V AC (r.m.s.)
Contact resistance
70 milliohms or less
(for combination of MA or MA1 and LFDT)
100 milliohms or less
(for combination with MA1 and W1LFDT)
Server, Router, Notebook
mm Pitch
0.8
Connectors
Document Disclaimer
When placing orders with us, minimum order quantities are set for every product.
Be sure to contact us before starting preliminary design of PCBs using our connectors.
The specifications and information shown in the catalog are subject to change without notice.


Similar Part No. - HDRA

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
More results

Similar Description - HDRA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
800170MA SUYIN-USA-800170MA Datasheet
169Kb / 1P
0.8 mm PITCH CD-ROM CONNECTOR
800180MB SUYIN-USA-800180MB Datasheet
185Kb / 1P
0.8 mm PITCH CD-ROM CONNECTOR
800183MR SUYIN-USA-800183MR Datasheet
147Kb / 1P
0.8 mm PITCH CD-ROM CONNECTOR
800185MR SUYIN-USA-800185MR Datasheet
154Kb / 1P
0.8 mm PITCH CD-ROM CONNECTOR
800190FB SUYIN-USA-800190FB Datasheet
159Kb / 1P
0.8 mm PITCH CD-ROM CONNECTOR
800221MB SUYIN-USA-800221MB Datasheet
154Kb / 1P
0.8 mm PITCH I/O CONNECTOR
800235MB SUYIN-USA-800235MB Datasheet
129Kb / 1P
0.8 mm PITCH I/O CONNECTOR
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com