Electronic Components Datasheet Search
  English  ▼

X  

HDRA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HDRA
Description  0.8 mm Pitch Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HDRA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HDRA Datasheet HTML 3Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 4Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 5Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 6Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 7Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 8Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 9Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 10Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
HDRA-E 68 M ( ) 1+
➀➁ ➂ ➃ ➄
➀ Series name
➁ No. of contacts: 68
➂ Type of contact
M: IDC type, male
➃ Compatible cable
Blank: AWG#30 (1/0.254), dia. 0.58 mm
A
: AWG#30 (7/0.1), dia. 0.58 mm
C
: AWG#34 (7/0.064), dia. 0.44 mm
➄ IDC method
1: One side IDC
● Components
➀ Contacts
➁ Insulator
➂ Shell
➃ Cable housing
34
POS.#1
POS.#34
POS.#68
POS.#35
0.8≈33=26.4
31.95
0.8
➃
➁
➂
➀
1
POS.#1
POS.#34
POS.#35
POS.#68
0.8mm pitch connector
For cable
IDC
ANSI/SFF8441
IDC type male connector for cable
HDRA-E68M( )1+
Mating connector: HDRA series right-angle through hole type or straddle SMT type female connector
For use with housings: HDRA series vertical housing, HDRA-E68LGKP ( )
Required tool: Termination tool: FHAT-0027, IDC tool: FLPT-0021A, Hand presser: RPS-K4 (Refer to page Tool-10)
● Configuration of product Part No.
25˚
Others
Wire
wrapping
Crimping
Soldering
IDC
Press-in
SMT
Through
hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com