Electronic Components Datasheet Search
  English  ▼

X  

HDRA Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # HDRA
Description  0.8 mm Pitch Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HDRA Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button HDRA Datasheet HTML 16Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 17Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 18Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 19Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 20Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 21Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 22Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 23Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
0.8mm pitch connector
For PCB
Right-angle Through hole
ANSI/SFF8441
Right-angle through hole type female connector for PCB
HDRA-E68W1LFDT-( )+
Mating connector: HDRA series IDC type male cable connector, or straddle SMT type male connector
Recommended PCB layout
t=1.6mm
Recommended panel cut-out dimensions
Edge of PCB
● Components
➀ Bracket
➁ Contacts
➂ Insulator
➃ Square nuts
➄ Shell
➅ Lock screw
➅
➄
➀
➁
➂
➃
34.7
37.7
R
(CN1)
(CN2)
1
35
34
68
0.8≈33=26.4
28.3
31.65
37.7
42.7
POS.#68
POS.#1
(CN1)
(CN1)
POS.#2
ø0.95
2.02
2.02
32.35
(CN2)
(CN2)
POS.#1
(CN2)
POS.#2
(CN1)
POS.#68
POS.#1
POS.#68
32.35
±0.05
6-ø1.2
±0.1
PAD ø1
ø2.25
PAD
POS.
#1(CN2)
POS.
#2(CN2)
2.02 2.98
0.8≈33=26.4
2.78
1.6
1.6
POS.#67(CN1)
136-ø0.65
POS.#68(CN1)
0.4
0.8
● Configuration of product Part No.
HDRA-E68 W 1 LFD T- ( )+
➀➁ ➂
➃
➄
➅
25˚
±0.03
±0.03
±0.05
±0.05
±0.03
±0.03
±0.03
±0.1
±0.1
0.8≈33=26.4
±0.05
±0.03
±0.03
(P.T.H.)
(P.T.H.)
(Four lock screws are supplied with a connector.)
5.3
0.3
1.15
1.2
1.15
1.15
1.2
1.15
5.08
➀
➁
➂
➃
➄
➅
Series name
No. of contacts: 136 (68≈2)
No. of stacks: 2
Type of contact
LFD: Right-angle through hole type, female
With location peg
Lock screw
Blank: None
SL
: Provided (Thickness of panel: 1.12 mm)
Select the connector according to panel thickness.
For the application without panel, use washers or
special lock screw (P/N: HDRA-E68LFD-7C).
Others
Wire
wrapping
Crimping
Soldering
IDC
Press-in
SMT
Through
hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com