Electronic Components Datasheet Search
  English  ▼

X  

319942 Datasheet(PDF) 57 Page - Numonyx B.V

Part # 319942
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

319942 Datasheet(HTML) 57 Page - Numonyx B.V

Back Button 319942 Datasheet HTML 53Page - Numonyx B.V 319942 Datasheet HTML 54Page - Numonyx B.V 319942 Datasheet HTML 55Page - Numonyx B.V 319942 Datasheet HTML 56Page - Numonyx B.V 319942 Datasheet HTML 57Page - Numonyx B.V 319942 Datasheet HTML 58Page - Numonyx B.V 319942 Datasheet HTML 59Page - Numonyx B.V 319942 Datasheet HTML 60Page - Numonyx B.V 319942 Datasheet HTML 61Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
56
Figure 24: Protection Register Programming Flowchart
Start
Write C0H
(Protection Reg.
Program Setup)
Write Protect. Register
Address/Data
Read Status Register
SR.7 = 1?
Full Status
Check if Desired
Program Complete
Read Status Register
Data (See Above)
V
PEN Range Error
Protection Register
Programming Error
Attempted Program to
Locked Register -
Aborted
Program Successful
SR.3, SR.4 =
SR.1, SR.4 =
SR.1, SR.4 =
FULL STATUS CHECK PROCEDURE
Bus Operation
Write
Write
Standby
Protection Program operations can only be addressed within the protection
register address space. Addresses outside the defined space will return an
error.
Repeat for subsequent programming operations.
SR Full Status Check can be done after each program or after a sequence of
program operations.
Write FFH after the last program operation to reset device to read array mode.
Bus Operation
Standby
Standby
SR.3 MUST be cleared, if set during a program attempt, before further
attempts are allowed by the Write State Machine.
SR.1, SR.3 and SR.4 are only cleared by the Clear Staus Register Command,
in cases of multiple protection register program operations before full status is
checked.
If an error is detected, clear the status register before attempting retry or other
error recovery.
No
Yes
1, 1
0,1
1,1
Command
Protection Program
Setup
Protection Program
Comments
Data = C0H
Data = Data to Program
Addr = Location to Program
Check SR.7
1 = WSM Ready
0 = WSM Busy
Command
Comments
SR.1 SR.3 SR.4
0
1
1
V
PEN Low
0
0
1
Prot. Reg.
Prog. Error
1
0
1
Register
Locked:
Aborted
Read
Status Register Data Toggle
CE# or OE# to Update Status
Register Data
Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com