Electronic Components Datasheet Search
  English  ▼

X  

319942 Datasheet(PDF) 11 Page - Numonyx B.V

Part # 319942
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

319942 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button 319942 Datasheet HTML 7Page - Numonyx B.V 319942 Datasheet HTML 8Page - Numonyx B.V 319942 Datasheet HTML 9Page - Numonyx B.V 319942 Datasheet HTML 10Page - Numonyx B.V 319942 Datasheet HTML 11Page - Numonyx B.V 319942 Datasheet HTML 12Page - Numonyx B.V 319942 Datasheet HTML 13Page - Numonyx B.V 319942 Datasheet HTML 14Page - Numonyx B.V 319942 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
10
The Status Register indicates when the WSM’s block erase, program, or lock-bit
configuration operation completes.
The STS (status) output gives an additional indicator of WSM activity by providing both
a hardware signal of status (versus software polling) and status masking (interrupt
masking for background block erase, for example). Status indication using STS
minimizes both CPU overhead and system power consumption. When configured in
level mode (default mode), it acts as a RY/BY# signal. When low, STS indicates that the
WSM is performing a block erase, program, or lock-bit configuration. STS-high indicates
that the WSM is ready for a new command, block erase is suspended (and
programming is inactive), program is suspended, or the device is in reset/power-down
mode. Additionally, the configuration command allows the STS signal to be configured
to pulse on completion of programming and/or block erases.
Three CE signals are used to enable and disable the device. A unique CE logic design
(see Table 17, “Chip Enable Truth Table for 32-, 64-, 128-Mb” on page 30) reduces
decoder logic typically required for multi-chip designs. External logic is not required
when designing a single chip, a dual chip, or a 4-chip miniature card or SIMM module.
The BYTE# signal allows either x8 or x16 read/writes to the device:
• BYTE#-low enables 8-bit mode; address A0 selects between the low byte and high
byte.
• BYTE#-high enables16-bit operation; address A1 becomes the lowest order
address and address A0 is not used (don’t care).
Figure 1, “Memory Block Diagram for 32-, 64-, 128-Mbit” on page 11 shows a device
block diagram.
When the device is disabled (see Table 17, “Chip Enable Truth Table for 32-, 64-, 128-
Mb” on page 30), with CEx at VIH and RP# at VIH, the standby mode is enabled. When
RP# is at VIL, a further power-down mode is enabled which minimizes power
consumption and provides write protection during reset. A reset time (tPHQV) is
required from RP# going high until data outputs are valid. Likewise, the device has a
wake time (tPHWL) from RP#-high until writes to the CUI are recognized. With RP# at
VIL, the WSM is reset and the Status Register is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com