Electronic Components Datasheet Search
  English  ▼

X  

319942 Datasheet(PDF) 28 Page - Numonyx B.V

Part # 319942
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

319942 Datasheet(HTML) 28 Page - Numonyx B.V

Back Button 319942 Datasheet HTML 24Page - Numonyx B.V 319942 Datasheet HTML 25Page - Numonyx B.V 319942 Datasheet HTML 26Page - Numonyx B.V 319942 Datasheet HTML 27Page - Numonyx B.V 319942 Datasheet HTML 28Page - Numonyx B.V 319942 Datasheet HTML 29Page - Numonyx B.V 319942 Datasheet HTML 30Page - Numonyx B.V 319942 Datasheet HTML 31Page - Numonyx B.V 319942 Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Datasheet
27
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Figure 10: Asynchronous Write Waveform
Address [A]
D
W8
W3
CEx (WE#) [E (W)]
OE# [G]
DATA [D/Q ]
VPEN [V]
RP# [P]
W2
W5
WE# (CEx) [W (E)]
STS [R]
W1
W6
W9
W4
W7
W13
W11
Figure 11: Asynchronous Write to Read Waveform
Address [A]
D
W8
W3
CEx [E]
OE # [G]
DATA [D/Q]
VPEN [V ]
RP# [P]
W2
W5
WE# [W]
W1
W6
W12
W4
W7
W11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com