Electronic Components Datasheet Search
  English  ▼

X  

S71AL016M Datasheet(PDF) 49 Page - SPANSION

Part # S71AL016M
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016M Datasheet(HTML) 49 Page - SPANSION

Back Button S71AL016M Datasheet HTML 45Page - SPANSION S71AL016M Datasheet HTML 46Page - SPANSION S71AL016M Datasheet HTML 47Page - SPANSION S71AL016M Datasheet HTML 48Page - SPANSION S71AL016M Datasheet HTML 49Page - SPANSION S71AL016M Datasheet HTML 50Page - SPANSION S71AL016M Datasheet HTML 51Page - SPANSION S71AL016M Datasheet HTML 52Page - SPANSION S71AL016M Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
February 23, 2005 S71AL016M_M0_A0
S71AL016M
49
Advanc e
Informatio n
AC Characteristics
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See Table 18 on page 57 for more information.
3. If a program suspend command is issued within tPOLL, the device requires tPOLL before reading status data, once
programming resumes (that is, the program resume command is written). If the suspend command was issued after tPOLL,
status data is available immediately after programming resumes. See Figure 15, on page 50.
Parameter
Speed Options
JEDEC
Std
Description
90
100
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tDVWH
tDS
Data Setup Time
Min
35
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Typ
18
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
1
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Max
90
100
ns
tPOLL
Program Valid Before Status Polling (Note 3)
Max
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com