Electronic Components Datasheet Search
  English  ▼

X  

S71AL016M Datasheet(PDF) 14 Page - SPANSION

Part # S71AL016M
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016M Datasheet(HTML) 14 Page - SPANSION

Back Button S71AL016M Datasheet HTML 10Page - SPANSION S71AL016M Datasheet HTML 11Page - SPANSION S71AL016M Datasheet HTML 12Page - SPANSION S71AL016M Datasheet HTML 13Page - SPANSION S71AL016M Datasheet HTML 14Page - SPANSION S71AL016M Datasheet HTML 15Page - SPANSION S71AL016M Datasheet HTML 16Page - SPANSION S71AL016M Datasheet HTML 17Page - SPANSION S71AL016M Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
14
S71AL016M
S71AL016M_M0 A0 February 23, 2005
Advanc e
Informatio n
General Description
The S29AL016M is a 16 Mbit, 3.0 Volt-only Flash memory organized as
1,048,576 words. The word-wide data (x16) appears on DQ15–DQ0. The device
requires only a single 3.0 volt power supply for both read and write func-
tions, designed to be programmed in-system with the standard system 3.0 volt
V CC supply. The device can also be programmed in standard
EPROM programmers.
To eliminate bus contention the device contains separate chip enable (CE#),
write enable (WE#) and output enable (OE#) controls.
The device is entirely command set compatible with the JEDEC single-power-
supply Flash standard. Commands are written to the device using standard
microprocessor write timing. Write cycles also internally latch addresses and
data needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through command sequences.
Once a program or erase operation begins, the host system need only poll the
DQ7 (Data# Polling) or DQ6 (toggle) status bits or monitor the Ready/Busy#
(RY/BY#) output to determine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces command sequence overhead
by requiring only two write cycles to program data instead of four.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. The hardware sector
protection feature disables both program and erase operations in any combina-
tion of sectors of memory. This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature allows the host system to pause
an erase operation in a given sector to read or program any other sector and
then complete the erase operation. The Program Suspend/Program Resume
feature enables the host system to pause a program operation in a given sector
to read any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets
the device, after which it is then ready for a new operation. The RESET# pin
may be tied to the system reset circuitry. A system reset would thus also reset
the device, enabling the host system to read boot-up firmware from the Flash
memory device.
The device reduces power consumption in the standby mode when it detects
specific voltage levels on CE# and RESET#, or when addresses are stable for a
specified period of time.
The SecSi™ (Secured Silicon) Sector provides a 128-word area for code or
data that can be permanently protected. Once this sector is protected, no fur-
ther changes within the sector can occur.
MirrorBit flash technology combines years of Flash memory manufacturing ex-
perience to produce the highest levels of quality, reliability and cost
effectiveness. The device electrically erases all bits within a sector simulta-
neously via hot-hole assisted erase. The data is programmed using hot electron
injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com