Electronic Components Datasheet Search
  English  ▼

X  

S71AL016M Datasheet(PDF) 13 Page - SPANSION

Part # S71AL016M
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016M Datasheet(HTML) 13 Page - SPANSION

Back Button S71AL016M Datasheet HTML 9Page - SPANSION S71AL016M Datasheet HTML 10Page - SPANSION S71AL016M Datasheet HTML 11Page - SPANSION S71AL016M Datasheet HTML 12Page - SPANSION S71AL016M Datasheet HTML 13Page - SPANSION S71AL016M Datasheet HTML 14Page - SPANSION S71AL016M Datasheet HTML 15Page - SPANSION S71AL016M Datasheet HTML 16Page - SPANSION S71AL016M Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Publication Number S71AL016M_M0
Revision A Amendment 0 Issue Date February 23, 2005
ADVANCE
INFORMATION
S29AL016M
16 Megabit (M x 16-Bit)
3.0 Volt-only Boot Sector Flash Memory
Featuring MirrorBitTM Technology
MCP Flash Module
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— 3 V for read, erase, and program operations
Manufactured on 0.23 µm MirrorBitTM process
technology
SecSiTM (Secured Silicon) Sector region
— 128-word sector for permanent, secure identification
through an 8-word random Electronic Serial Number,
accessible through a command sequence
— May be programmed and locked at the factory or by
the customer
Flexible sector architecture
— One 8 Kword, two 4 Kword, one 16 Kword, and thirty-
one 32 Kword sectors (word mode)
Compatibility with JEDEC standards
— Provides pinout and software compatibility for single-
power supply flash, and superior inadvertent write
protection
Top or bottom boot block configurations available
100,000 erase cycle typical per sector
20-year typical data retention
Performance Characteristics
High performance
— 90/100 ns access time
— 0.7 s typical sector erase time
Low power consumption (typical values at 5 MHz)
— 400 nA standby mode current
— 15 mA read current
— 40 mA program/erase current
— 400 nA Automatic Sleep mode current
Software Features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
Hardware Features
— Sector Protection: hardware-level method of
preventing write operations within a sector
— Temporary Sector Unprotect: VID-level method of
changing code in locked sectors
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) indicates program or
erase cycle completion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com