Electronic Components Datasheet Search
  English  ▼

X  

S71AL016M Datasheet(PDF) 61 Page - SPANSION

Part # S71AL016M
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016M Datasheet(HTML) 61 Page - SPANSION

Back Button S71AL016M Datasheet HTML 57Page - SPANSION S71AL016M Datasheet HTML 58Page - SPANSION S71AL016M Datasheet HTML 59Page - SPANSION S71AL016M Datasheet HTML 60Page - SPANSION S71AL016M Datasheet HTML 61Page - SPANSION S71AL016M Datasheet HTML 62Page - SPANSION S71AL016M Datasheet HTML 63Page - SPANSION S71AL016M Datasheet HTML 64Page - SPANSION S71AL016M Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
February 23, 2005 S71AL016M_M0_A0
S71AL016M
61
Advance
I n f o rmatio n
Capacitance
Note: Tested initially and after any design or process changes that may affect these parameters.
Thermal Resistance
Note: Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
Parameter
Description
Test Condition
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ.)
8
pF
COUT
Output Capacitance
8
Parameter
Description
Test Conditions
VFBGA
Unit
θ JA
Thermal Resistance (Junction to Ambient) Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA / JESD51.
55
°C/W
θ JC
Thermal Resistance (Junction to Case)
17
Figure 23. AC Test Loads and Waveforms
Parameters
3.0V VCC
Unit
R1
22000
Ω
R2
22000
RTH
11000
VTH
1.50
V
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
VTH
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Rise Time: 1 V/ns
Fall Time: 1 V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com