Electronic Components Datasheet Search
  English  ▼

X  

S71AL016M Datasheet(PDF) 23 Page - SPANSION

Part # S71AL016M
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016M Datasheet(HTML) 23 Page - SPANSION

Back Button S71AL016M Datasheet HTML 19Page - SPANSION S71AL016M Datasheet HTML 20Page - SPANSION S71AL016M Datasheet HTML 21Page - SPANSION S71AL016M Datasheet HTML 22Page - SPANSION S71AL016M Datasheet HTML 23Page - SPANSION S71AL016M Datasheet HTML 24Page - SPANSION S71AL016M Datasheet HTML 25Page - SPANSION S71AL016M Datasheet HTML 26Page - SPANSION S71AL016M Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
February 23, 2005 S71AL016M_M0_A0
S71AL016M
23
Advanc e
Informatio n
It is possible to determine whether a sector is protected or unprotected. See
Autoselect Mode on page 22 for details.
Sector protection and unprotection requires VID on the RESET# pin only, and
can be implemented either in-system or via programming equipment. Figure 2,
on page 24 shows the algorithms and Figure 21, on page 54 shows the timing
diagram. This method uses standard microprocessor bus cycle timing. For sector
unprotect, all unprotected sectors must first be protected prior to the first sector
unprotect write cycle.
Temporary Sector Unprotect
This feature allows temporary unprotection of previously protected sectors to
change data in-system. The Sector Unprotect mode is activated by setting the
RESET# pin to VID. During this mode, formerly protected sectors can be pro-
grammed or erased by selecting the sector addresses. Once VID is removed
from the RESET# pin, all the previously protected sectors are protected again.
Figure 1 shows the algorithm, and Figure 22, on page 56 shows the timing dia-
grams, for this feature.
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once again.
Figure 1. Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com