Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 106 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 106 Page - SPANSION

Back Button S71GS256 Datasheet HTML 102Page - SPANSION S71GS256 Datasheet HTML 103Page - SPANSION S71GS256 Datasheet HTML 104Page - SPANSION S71GS256 Datasheet HTML 105Page - SPANSION S71GS256 Datasheet HTML 106Page - SPANSION S71GS256 Datasheet HTML 107Page - SPANSION S71GS256 Datasheet HTML 108Page - SPANSION S71GS256 Datasheet HTML 109Page - SPANSION S71GS256 Datasheet HTML 110Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 195 page
background image
106
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Notes:
1. CLK may be HIGH or LOW, but must be static during synchronous read, synchronous write, burst suspend, and DPD
modes; and to achieve standby power during standby and active modes.
2. The WAIT polarity is configured through the bus configuration register (BCR[10]).
3. When LB# and UB# are in select mode (LOW), DQ[15:0] are affected. When only LB# is in select mode, DQ[7:0]
are affected. When only UB# is in the select mode, DQ[15:8] are affected.
4. The device will consume active power in this mode whenever addresses are changed.
5. When the device is in standby mode, address inputs and data inputs/outputs are internally isolated from any
external influence.
6. VIN = VCCQ or 0V; all device balls must be static (unswitched) to achieve standby current.
7. DPD is maintained until RCR is reconfigured.
Table 16. Bus Operations—Asynchronous Mode
MODE
POWER
CLK
(Note 1) ADV#
CE#
OE#
WE#
CRE
LB#/
UB#
WAIT
(Note 2)
DQ[15:0]
(Note 3)NOTES
Read
Active
X
L
L
L
H
L
L
Low-Z
Data-Out
4
Write
Active
X
L
L
X
L
L
L
Low-Z
Data-In
4
Standby
Standby
X
X
H
X
X
L
X
High-Z
High-Z
5, 6
No Operation
Idle
X
X
L
X
X
L
X
Low-Z
X
4, 6
Configuration
Register
Active
X
L
LH
LH
X
Low-Z
High-Z
DPD
Deep
Power-down
X
X
H
XXXX
High-Z
High-Z
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com